Electronic Components Datasheet Search
  English  ▼

X  

PW152 Datasheet(PDF) 1 Page - SL Power Electronics

Part # PW152
Description  Universal 50 Watt Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW152 Datasheet(HTML) 1 Page - SL Power Electronics

  PW152 Datasheet HTML 1Page - SL Power Electronics PW152 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PW152
Universal 50 Watt Series
ITE / Switch Mode Power Supply
LineandLoad
Excludingcord
+/-1%
VoltageRegulation
Ripple
1%Vp-pmax.
TransientResponse
0.5msfor50%
LoadchangeTypical
Protection
Over-currentProtection
(Hiccup)
ShortCircuitProtection
Output Specifications
InputVoltageRange
Universalinput
100-250VAC-10%,+6%
LineFrequency
47-63Hz
InputCurrent
90VACInput
1.2Amax.
Protection
InternalPrimary
CurrentFuse,
InrushLimiting
Input Specifications
ThermalPerformance Operatingtemperature 0°Cto40°C
fullload,noderating
convectionalcooling
Nonventedcase
RelativeHumidity
Non-condensing
5%to95%
Altitude
0-10,000feet
Environmental Specifications
Topology
Switching-Fixed
FrequencyFlyback
Efficiency
5Vand9V
70%min.
12Vto24V
≥ 84%
Hold-upTime
@120VAC
18msmin.
@240VAC
80msmin.
DielectricWithstand
3,000VAC,4,250VDC
Primary-Secondary
StorageTemp
-30°Cto85°C
Approvalsand
UL60950-1,
SafetyStandards
IEC/EN60950-1
EMC:EN55022/55024
61000
MTBF
100,000CalculatedHours
CaseandDimension
JEC#18
4.49Lx2.36Wx1.38H(in)
114.0Lx60.0Wx35.0H(mm)
CaseMaterial
Black94V0
Polycarbonate
CordandConnectors
6ft.2Conductor,18AWG,
AULT#3Connector.
Otherconnectorsare
alsoavailable.
General Specifications
Specifications
3 Year Warranty
•100-250VACUniversalInput
•DesktopStyle
•SingleOutputto50W
•SevenModelsAvailable;5Vto48V
•RegulatedOutputwithLowRipple
•ImpactResistantPolycarbonateEnclosure
•ModifiedandCustomDesigns
•NoLoadPowerConsumption<0.75W
•MeetsENERGYSTARProgramRequirements
seereversesidefordetails
International Safety Standard Approvals
SL Power Electronics Corp • 6050 King Drive • Ventura CA, 93003 • Phone:805.486.4565 • Fax:805.487.8911 • Email:info@slpower.com • www.slpower.com


Similar Part No. - PW152

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
PW153KB SLPOWER-PW153KB Datasheet
309Kb / 2P
Universal 40 Watt Series
PW153KB12XX SLPOWER-PW153KB12XX Datasheet
309Kb / 2P
Universal 40 Watt Series
PW153KB15XX SLPOWER-PW153KB15XX Datasheet
309Kb / 2P
Universal 40 Watt Series
PW153KB18XX SLPOWER-PW153KB18XX Datasheet
309Kb / 2P
Universal 40 Watt Series
PW153KB24XX SLPOWER-PW153KB24XX Datasheet
309Kb / 2P
Universal 40 Watt Series
More results

Similar Description - PW152

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA60W-120 PHIHONG-PSA60W-120 Datasheet
84Kb / 2P
50 Watt Universal Switching Adapter
PSF149-401 PHIHONG-PSF149-401 Datasheet
395Kb / 2P
150 Watt Universal Industrial Series
logo
SL Power Electronics
MW117 SLPOWER-MW117 Datasheet
107Kb / 2P
UNIVERSAL 6-12 WATT SERIES
PW148RB SLPOWER-PW148RB Datasheet
322Kb / 2P
Universal 19.2 Watt Series
PW149RB SLPOWER-PW149RB Datasheet
342Kb / 2P
Universal 12 Watt Series
PW153KB SLPOWER-PW153KB Datasheet
309Kb / 2P
Universal 40 Watt Series
PW173KB SLPOWER-PW173KB Datasheet
185Kb / 3P
Universal 20 ??32 Watt Series
logo
Volgen Kaga Electronics...
KTPS36-0940DT-3P VOLGEN-KTPS36-0940DT-3P Datasheet
406Kb / 2P
36 - 50 Watt Universal Input, Desktop Adapter
KTPS36-0940DT-3P-VI-C-P1 VOLGEN-KTPS36-0940DT-3P-VI-C-P1 Datasheet
440Kb / 3P
50 Watt Universal Input, Desktop Adapter
KTPS50-4810DT-3P VOLGEN-KTPS50-4810DT-3P Datasheet
406Kb / 2P
36 - 50 Watt Universal Input, Desktop Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com