Electronic Components Datasheet Search
  English  ▼

X  

PW152 Datasheet(PDF) 2 Page - SL Power Electronics

Part # PW152
Description  Universal 50 Watt Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW152 Datasheet(HTML) 2 Page - SL Power Electronics

  PW152 Datasheet HTML 1Page - SL Power Electronics PW152 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PW152
Universal 50 Watt Series
ITE / Switch Mode Power Supply
Output
Max
Ripple
Ault Part Number
Voltage
Min
Max
Watts
Vp-p max.
PW152KA05XX*
5V
0.00A
6.00A
30.0W
50mV
PW152KA09XX*
9V
0.00A
5.00A
45.0W
90mV
PW152KA12XX
12V
0.00A
4.20A
50.4W
120mV
PW152KA15XX
15V
0.00A
3.33A
50.0W
150mV
PW152KA18XX
18V
0.00A
2.80A
50.4W
180mV
PW152KA24XX
24V
0.00A
2.00A
48.0W
240mV
PW152KA48XX*
48V
0.00A
1.00A
48.0W
480mV
Output Currents
PW152
K
A
05
XX
Product
Manufacturing
Design
Voltage
Connector
Family
Location
Revision
DC
Number
Name
Changes
Ault Part Number Key
SpecifytheInputConfigurationCodeinyourorder.
Input Configuration
Shaver
C8
(N)
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
Australian
(E)
N. America/
Japan
(B)
Europe
(M)
United
Kingdom
(G)
PinoutCode
Centercontact:positive
Description
Switchcraft760plugorequivalent
SuggestedMating
Switchcraft712Ajackorequivalent
OtherConnectorsareavailablebyspecialorder
Pin Connections
SL Power Electronics Corp • 6050 King Drive • Ventura CA, 93003 • Phone:805.486.4565 • Fax:805.487.8911 • Email:info@slpower.com • www.slpower.com
DataSheet©2006SLPowerElectronicsCorp.Theinformationandspecificationscontainedinthisdatasheetarebelievedtobecorrectattimeofpublication.
However,SLPoweracceptsnoresponsibilityforconsequencesarisingfromreproductionerrorsorinaccuracies.Specificationsaresubjecttochangewithoutnotice.
Rev.9/22/06
For the most current data and application support visit www.slpower.com
*Does not meet Energy Star requirements
PowerSuppliesthataresinglevoltageexternalACtoDCandACtoAC
includedwithotherretailproductsandsinglevoltageexternalACtoDC
orACtoACpowersuppliessoldseparately;andconsumeraudioandvideo
equipment,whichincludescompactaudioproducts,DVDplayersand
recordersaswellastelevisionadapters.(Pleaserefertothereversesideof
datasheetforspecificationsandmarkingprotocol.)
Energy-EfficiencyCriteriaforActiveMode
TobeeligibleforENERGYSTARqualification,anexternalpowersupply
mustmeetorexceedaminimumefficiencyforActiveMode,whichvaries
basedonthemodel’snameplateoutputpower.Thetablebelowoutlines
theequationsfordeterminingminimumaverageefficiency.
NameplateOutputPower
MinimumAverageEfficiencyinActiveMode
0to≤1watt
≥0.49*Pno
>1to≤49watts
≥[0.09*Ln(NameplateOutput)]+0.49
>49watts
≥0.84
EnergyConsumptionCriteriaforNoLoad
ThesecondhalfoftheENERGYSTARspecificationistheNo-Loadpower
requirement,whichspecifiesthemaximumACpowerthatmaybeusedby
aqualifyingexternalpowersupplyintheNo-Loadcondition.Maximum
powerconsumptionlevelsforNo-LoadModeareprovidedbelow.
NameplateOutputPower
MaximumPowerinNo-Load
0to<10watts
≤0.5watts
≥10to≤250watts
≤0.75watts
Energy Star Specifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com