Electronic Components Datasheet Search
  English  ▼

X  

PE44238 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44238
Description  SMA Female Right Angle Connector Solder Attachment 2 Hole Flange Pin Terminal, .481 inch Hole Spacing, 45 Degree Flange Direction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44238 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44238 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44238 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44238 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMAFemale RightAngle Connector SolderAttachment 2 Hole Flange Pin Terminal, .481 inch Hole Spacing, +45 Degree Flange
Direction from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Right Angle Connector Solder Attachment 2 Hole Flange Pin Terminal, .481 inch
Hole Spacing, +45 Degree Flange Direction PE44238
URL: http://www.pasternack.com/sma-female-standard-pin-terminal-connector-pe44238-p.aspx
PE44238
PE44238 REV
SMA Female Right Angle Connector Solder
Attachment 2 Hole Flange Pin Terminal, .481 inch
Hole Spacing, +45 Degree Flange Direction



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com