Electronic Components Datasheet Search
  English  ▼

X  

PE44238 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44238
Description  SMA Female Right Angle Connector Solder Attachment 2 Hole Flange Pin Terminal, .481 inch Hole Spacing, 45 Degree Flange Direction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44238 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44238 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44238 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44238 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female Right Angle Connector Solder Attachment 2 Hole Flange Pin Terminal, .481 inch Hole
Spacing, +45 Degree Flange Direction
Configuration
Connector
SMA Female
Connector Specification
MIL-C-39012
Connector Interface Type
Pin
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Mount Method
2 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.205 [30.61]
Width/Dia., in [mm]
0.625 [15.88]
Height, in [mm]
0.598 [15.19]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Female
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Right Angle Connector Solder Attachment 2 Hole Flange Pin Terminal, .481 inch
Hole Spacing, +45 Degree Flange Direction PE44238
PE44238
PE44238 REV
SMA Female Right Angle Connector Solder
Attachment 2 Hole Flange Pin Terminal, .481 inch
Hole Spacing, +45 Degree Flange Direction


Similar Part No. - PE44238

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4423 PASTERNACK-PE4423 Datasheet
269Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 &RG196
PE44230 PASTERNACK-PE44230 Datasheet
290Kb / 2P
2.92mm Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .340 inch Hole Spacing
PE44231 PASTERNACK-PE44231 Datasheet
284Kb / 2P
2.92mm Female Threaded Connector Field Replaceable Attachment 0.012 inch Pin
PE44232 PASTERNACK-PE44232 Datasheet
296Kb / 3P
2.92mm Male Connector Field Replaceable Attachment Hole Flange 0.012 inch Pin, .481 inch Hole Spacing
PE44233 PASTERNACK-PE44233 Datasheet
295Kb / 3P
2.92mm Male Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .340 inch Hole Spacing
More results

Similar Description - PE44238

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4867 PASTERNACK-PE4867 Datasheet
254Kb / 3P
RP SMA Female Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .481 inch Hole Spacing
PE44237 PASTERNACK-PE44237 Datasheet
302Kb / 3P
SMA Female Right Angle Connector Solder Attachment 2 Hole Flange Pin Terminal, .481 inch Hole Spacing, 90 Degree Flange Direction
PE44239 PASTERNACK-PE44239 Datasheet
303Kb / 3P
SMA Female Right Angle Connector Solder Attachment 2 Hole Flange Pin Terminal, .481 inch Hole Spacing, -45 Degree Flange Direction
PE4370 PASTERNACK-PE4370 Datasheet
235Kb / 2P
SMA Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
PE4004 PASTERNACK-PE4004 Datasheet
254Kb / 2P
SMA Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
PE4125 PASTERNACK-PE4125 Datasheet
228Kb / 3P
SMA Male Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .481 inch Hole Spacing
PE44341 PASTERNACK-PE44341 Datasheet
371Kb / 3P
SMA Female Precision Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal, .481 inch Hole Spacing
PE44593 PASTERNACK-PE44593 Datasheet
376Kb / 3P
SMA Female Right Angle Connector Solder Attachment 2 Hole Flange Mount Pin Terminal, .481 inch Hole Spacing
PE4370 PASTERNACK-PE4370_17 Datasheet
670Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Tab Terminal, .481 inch Hole Spacing
PE44217 PASTERNACK-PE44217 Datasheet
327Kb / 3P
2.4mm Female Connector Solder Attachment 2 Hole Flange Mount Pin Terminal, .481 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com