Electronic Components Datasheet Search
  English  ▼

X  

PE44322 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44322
Description  75 Ohm F Male Right Angle Connector Crimp/ Solder Attachment For RG59, RG62
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44322 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44322 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44322 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44322 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
URL: http://www.pasternack.com/f-male-standard-rg59-rg62-connector-pe44322-p.aspx
75 Ohm F Male Right Angle Connector Crimp/Solder Attachment For RG59, RG62 from Pasternack Enterprises has same
day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF,
microwave and fiber optic products.
75 Ohm F Male Right Angle Connector Crimp/
Solder Attachment For RG59, RG62
PE44322
PE44322 REV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com