Electronic Components Datasheet Search
  English  ▼

X  

PE44322 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44322
Description  75 Ohm F Male Right Angle Connector Crimp/ Solder Attachment For RG59, RG62
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44322 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44322 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44322 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44322 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm F Male Right Angle Connector Crimp/
Solder Attachment For RG59, RG62
75 Ohm F Male Right Angle Connector Crimp/Solder Attachment For RG59, RG62
Configuration
Connector
F Male
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range, MHz
DC to 1,000
Impedance, Ohms
75
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Size
Length, in [mm]
0.94 [23.88]
Width/Dia., in [mm]
0.433 [11]
Height, in [mm]
0.756 [19.2]
Weight, lbs [g]
0.02 [9.07]
Connector
Type
F Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size, in
7/16
Torque, in-lbs [Nm]
15 [1.7]
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm F Male Right Angle Connector Crimp/Solder Attachment For RG59, RG62 PE44322
PE44322
PE44322 REV


Similar Part No. - PE44322

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4432 PASTERNACK-PE4432 Datasheet
242Kb / 2P
N Male Connector Crimp/Solder Attachment For RG59, RG62
PE4432 PASTERNACK-PE4432 Datasheet
318Kb / 3P
N Male Connector Crimp/Solder Attachment
PE44320 PASTERNACK-PE44320 Datasheet
264Kb / 2P
75 Ohm F Male Right Angle Connector Crimp/ Solder Attachment For RG6-CATV
PE44321 PASTERNACK-PE44321 Datasheet
205Kb / 2P
75 Ohm F Male Right Angle Connector Twist Attachment For RG6-CATV
PE44323 PASTERNACK-PE44323 Datasheet
261Kb / 2P
75 Ohm F Male Right Angle Connector Twist Attachment For RG59, RG62
More results

Similar Description - PE44322

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44323 PASTERNACK-PE44323 Datasheet
261Kb / 2P
75 Ohm F Male Right Angle Connector Twist Attachment For RG59, RG62
PE44317 PASTERNACK-PE44317 Datasheet
243Kb / 2P
75 Ohm F Male Connector Crimp/Crimp Attachment For RG59, RG62, 3 Pieces Connector
PE4996 PASTERNACK-PE4996 Datasheet
260Kb / 2P
75 Ohm Mini SMB Plug Right Angle Connector Crimp/Solder Attachment For RG59, RG62
PE4195 PASTERNACK-PE4195 Datasheet
272Kb / 2P
BNC Male Right Angle Connector Crimp/ Solder attachment for RG59, RG62
PE4658 PASTERNACK-PE4658 Datasheet
216Kb / 3P
75 Ohm SMC Plug Connector Crimp/ Solder Attachment For RG59, RG62
PE4472 PASTERNACK-PE4472 Datasheet
280Kb / 2P
75 Ohm SMB Plug Connector Crimp/ Solder Attachment For RG59, RG62
PE4512 PASTERNACK-PE4512 Datasheet
259Kb / 2P
75 Ohm N Male Connector Crimp/Solder Attachment For RG59, RG62
PE44325 PASTERNACK-PE44325 Datasheet
213Kb / 2P
75 Ohm F Female Bulkhead Connector Crimp/ Solder Attachment For RG59, RG62
PE44318 PASTERNACK-PE44318 Datasheet
207Kb / 2P
75 Ohm F Male Connector Twist Attachment For RG59, RG62
PE44316 PASTERNACK-PE44316 Datasheet
377Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for RG59, RG62, RG71
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com