Electronic Components Datasheet Search
  English  ▼

X  

AW3221 Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # AW3221
Description  Binning and Labeling Connect directly in AC Power Saving Long Life Time
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AW3221 Datasheet(HTML) 1 Page - Seoul Semiconductor

  AW3221 Datasheet HTML 1Page - Seoul Semiconductor AW3221 Datasheet HTML 2Page - Seoul Semiconductor AW3221 Datasheet HTML 3Page - Seoul Semiconductor AW3221 Datasheet HTML 4Page - Seoul Semiconductor AW3221 Datasheet HTML 5Page - Seoul Semiconductor AW3221 Datasheet HTML 6Page - Seoul Semiconductor AW3221 Datasheet HTML 7Page - Seoul Semiconductor AW3221 Datasheet HTML 8Page - Seoul Semiconductor AW3221 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev. 05
Rev. 05
August 2012
August 2012
www.ACRICH.com
www.ACRICH.com
Document No. : SSC-QP-7-07-24 (Rev.00)
AX32X0
Features
• Connect directly in AC
• Power Saving
• Long Life Time
• Simple BOM
• Miniaturization
• Low thermal resistance
• SMT solderbility
• Lead Free product
• RoHS compliant
Applications
• Architectural lighting
• Task lighting
• Decorative /
Pathway lighting
• Household appliances
The Acrich series of LEDs are designed
for AC operation and high flux output
applications. Acrich LEDs are
an environmentally friendly semiconductor
lighting source that can be directly
connected to an AC power source
without any DC conversion required.
Acrich’s thermal management performance exceeds other
power LED solutions by incorporating state-of-the-art SMD
design and use of specialized thermal emission material.
Acrich is an ideal light source for general purpose
illumination applications
This application note provides binning and labeling
information of Acrich series. It includes the Acrich bins for
luminous flux,
wavelength (or x,y coordinates), correlated color
temperature
(CCT) for white.
Binning and Labeling


Similar Part No. - AW3221

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AW3220 SEOUL-AW3220 Datasheet
673Kb / 22P
compliantFeaturesApplications?ъ쭊Acriche series
AW3220 SEOUL-AW3220 Datasheet
595Kb / 19P
Acriche series
More results

Similar Description - AW3221

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
XLamp® 4550 LEDs Binning and Labeling
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
XLamp® XR LED Binning and Labeling
XR-E CREE-XR-E Datasheet
442Kb / 11P
XLamp XR-E and XR-C LED Binning and Labeling
logo
Seoul Semiconductor
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
Binning and Labeling Connect in AC power with Bridge Diode
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
logo
Cree, Inc
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
XLAMP XB-D LED BINNING & LABELING
rev 1
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
Binning and Labeling
SMJE-XD12W4PD SEOUL-SMJE-XD12W4PD Datasheet
1Mb / 25P
Long Life Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com