Electronic Components Datasheet Search
  English  ▼

X  

AW3221 Datasheet(PDF) 13 Page - Seoul Semiconductor

Part # AW3221
Description  Binning and Labeling Connect directly in AC Power Saving Long Life Time
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AW3221 Datasheet(HTML) 13 Page - Seoul Semiconductor

Back Button AW3221 Datasheet HTML 8Page - Seoul Semiconductor AW3221 Datasheet HTML 9Page - Seoul Semiconductor AW3221 Datasheet HTML 10Page - Seoul Semiconductor AW3221 Datasheet HTML 11Page - Seoul Semiconductor AW3221 Datasheet HTML 12Page - Seoul Semiconductor AW3221 Datasheet HTML 13Page - Seoul Semiconductor AW3221 Datasheet HTML 14Page - Seoul Semiconductor AW3221 Datasheet HTML 15Page - Seoul Semiconductor AW3221 Datasheet HTML 16Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Rev. 05
Rev. 05
August 2012
August 2012
www.ACRICH.com
www.ACRICH.com
13
Document No. : SSC-QP-7-07-24 (Rev.00)
1. Pure White
Order Code
LF
CC
VF
Z2
X2Z2A~X2Z2D YZ2A~YZ2D
ZZ2A~ZZ2D
Z4
X2Z4A~X2Z4D YZ4A~YZ4D
ZZ4A~ZZ4D
Z6
X2Z6A~X2Z6D YZ6A~YZ6D
ZZ6A~ZZ6D
Z3
X2Z3A~X2Z3D YZ3A~YZ3D
ZZ3A~ZZ3D
Z5
X2Z5A~X2Z5D YZ5A~YZ5D
ZZ5A~ZZ5D
Z7
X2Z7A~X2Z7D YZ7A~YZ7D
ZZ7A~ZZ7D
Z3
X2Z3A~X2Z3D YZ3A~YZ3D
ZZ3A~ZZ3D
Z5
X2Z5A~X2Z5D YZ5A~YZ5D
ZZ5A~ZZ5D
Z7
X2Z7A~X2Z7D YZ7A~YZ7D
ZZ7A~ZZ7D
A2
X2A2A~X2A2D YA2A~YA2D
ZA2A~ZA2D
A4
X2A4A~X2A4D YA4A~YA4D
ZA4A~ZA4D
A6
X2A6A~X2A6D YA6A~YA6D
ZA6A~ZA6D
A2
X2A2A~X2A2D YA2A~YA2D
ZA2A~ZA2D
A4
X2A4A~X2A4D YA4A~YA4D
ZA4A~ZA4D
A6
X2A6A~X2A6D YA6A~YA6D
ZA6A~ZA6D
A3
X2A3A~X2A3D YA3A~YA3D
ZA3A~ZA3D
A5
X2A5A~X2A5D YA5A~YA5D
ZA5A~ZA5D
A7
X2A7A~X2A7D YA7A~YA7D
ZA7A~ZA7D
A3
X2A3A~X2A3D YA3A~YA3D
ZA3A~ZA3D
A5
X2A5A~X2A5D YA5A~YA5D
ZA5A~ZA5D
A7
X2A7A~X2A7D YA7A~YA7D
ZA7A~ZA7D
B0
X2B0A~X2B0D YB0A~YB0D
ZB0A~ZB0D
B2
X2B2A~X2B2D YB2A~YB2D
ZB2A~ZB2D
B4
X2B4A~X2B4D YB4A~YB4D
ZB4A~ZB4D
A3
X2A3A~X2A3D YA3A~YA3D
ZA3A~ZA3D
A5
X2A5A~X2A5D YA5A~YA5D
ZA5A~ZA5D
A7
X2A7A~X2A7D YA7A~YA7D
ZA7A~ZA7D
B2
X2B2A~X2B2D YB2A~YB2D
ZB2A~ZB2D
B4
X2B4A~X2B4D YB4A~YB4D
ZB4A~ZB4D
B6
X2B6A~X2B6D YB6A~YB6D
ZB6A~ZB6D
Part No. – 3D
X2
Y
Z
A
B
C
D
Part No. – 3B
X2
Y
Z
A
B
C
D
Part No. – 3C
X2
Y
Z
A
B
C
D
Standard Order Codes for Pure white
Standard Order Codes for Pure white
Standard Order Codes for Pure white
Standard Order Codes for Pure white
Bin Codes
Part No. – 3A
X2
Y
Z
A
B
C
D
A
B
C
D
X2
Y
Z
Part No. – 3E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com