Electronic Components Datasheet Search
  English  ▼

X  

2623CS Datasheet(PDF) 1 Page - Agere Systems

Part # 2623CS
Description  10 Gbits/s Lithium Niobate Electro-Optic Modulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

2623CS Datasheet(HTML) 1 Page - Agere Systems

  2623CS Datasheet HTML 1Page - Agere Systems 2623CS Datasheet HTML 2Page - Agere Systems 2623CS Datasheet HTML 3Page - Agere Systems 2623CS Datasheet HTML 4Page - Agere Systems 2623CS Datasheet HTML 5Page - Agere Systems 2623CS Datasheet HTML 6Page - Agere Systems 2623CS Datasheet HTML 7Page - Agere Systems 2623CS Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
10 Gbits/s Lithium Niobate Electro-Optic Modulator
Data Sheet
May 2001
The Lithium Niobate Modulators include three single-drive
modulators (2623N, 2623Y, 2623CS) and a single-drive modula-
tor with an integrated attenuator (2623CSA). All devices are
capable of modulation rates up to 10 Gbits/s.
Features
s
Ti-diffusion process
s
Single-drive technology
s
C- and L-band models
s
Slim, hermetic package
s
Bandwidths up to 10 GHz
s
Operational over a temperature range of 0 °C to
70 °C
s
43
Ω design for minimal electrical reflections
s
Angled interfaces for minimal optical reflections
s
Integrated optical attenuator available on
10 Gbits/s modulator (2623CSA)
s
Tested to
Telcordia Technologies * 468
Benefits
s
Excellent long-term bias stability
s
Internal polarizer
s
Low modulation voltages
Applications
s
Digital high-speed telecommunications:
— SONET: OC-1 through OC-192
— SDH: STM-16, STM-64
— Undersea communications
s
Internet data communications
s
SONET/SDH test equipment
*
Telcordia Technologies is a trademark of Telcordia Technologies,
Inc.


Similar Part No. - 2623CS

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2623 KR-2623 Datasheet
49Kb / 2P
Bandpass Filter
logo
Heyco.
2623 HEYCO-2623 Datasheet
136Kb / 1P
Halogen and Phosphorus-Free 94V-0 Hole Plugs
logo
Wiha Tools
26230 WIHA-26230 Datasheet
52Kb / 1P
Screwdriver SoftFinish®
26231 WIHA-26231 Datasheet
52Kb / 1P
Screwdriver SoftFinish®
logo
WERMA Signaltechnik Gmb...
26231060 WERMA-26231060 Datasheet
423Kb / 2P
Maxi free-standing Beacons / EvoSIGNAL Maxi TwinLIGHT 115-230VAC YE
21.09.2021
More results

Similar Description - 2623CS

ManufacturerPart #DatasheetDescription
logo
Agere Systems
2625C AGERE-2625C Datasheet
60Kb / 4P
40 Gbits/s Lithium Niobate Electro-Optic Modulator
June 2001
D1861A AGERE-D1861A Datasheet
93Kb / 6P
D1861A 10 Gbits/s 1310 nm DML Module
August 2000
D1861D AGERE-D1861D Datasheet
86Kb / 6P
D1861D 10 Gbits/s 1310 nm DML Module (10 dBm)
March 2001
E2560 AGERE-E2560 Datasheet
637Kb / 6P
E2560/E2580-Type 10 Gbits/s EML Modules
January 1999
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
October 2001
logo
JDS Uniphase Corporatio...
10022467 JDSU-10022467 Datasheet
96Kb / 4P
2x2 High Speed Lithium Niobate Interferometric Switch
logo
Emcore Corporation
EMP-12K EMCORE-EMP-12K Datasheet
384Kb / 1P
EMP-1.2K Lithium-Niobate Fiber Optic Gyroscopes
EMP-1 EMCORE-EMP-1 Datasheet
274Kb / 1P
Lithium-Niobate Fiber Optic Gyroscopes
EMP-1 EMCORE-EMP-1_16 Datasheet
473Kb / 1P
Lithium-Niobate Fiber Optic Gyroscopes (FOG)
EMP-1.2K-FOG EMCORE-EMP-1.2K-FOG_16 Datasheet
922Kb / 2P
Lithium-Niobate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com