Electronic Components Datasheet Search
  English  ▼

X  

2623CS Datasheet(PDF) 5 Page - Agere Systems

Part # 2623CS
Description  10 Gbits/s Lithium Niobate Electro-Optic Modulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

2623CS Datasheet(HTML) 5 Page - Agere Systems

  2623CS Datasheet HTML 1Page - Agere Systems 2623CS Datasheet HTML 2Page - Agere Systems 2623CS Datasheet HTML 3Page - Agere Systems 2623CS Datasheet HTML 4Page - Agere Systems 2623CS Datasheet HTML 5Page - Agere Systems 2623CS Datasheet HTML 6Page - Agere Systems 2623CS Datasheet HTML 7Page - Agere Systems 2623CS Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet
May 2001
10 Gbits/s Lithium Niobate Electro-Optic Modulator
5
Agere Systems Inc..
Outline Diagrams
Dimensions are in inches and (millimeters).
2623N, 2623Y, 2623CS Lithium Niobate Modulators
SMA SHORTING CAP
FIELD-REPLACEABLE
SMA CONNECTOR
BEND LIMITER
2 PLACES
FC/PC CONNECTOR OPTIONAL
2 PLACES
Agere
Electro-Optic Modulator
Model
S/N
A06686 98
2623N
XXXX
0.20 (5.1)
1.20
(30.5)
0.14 (3.6)
1.5 METER
MAXIMUM
LOOSE-TUBE
JACKETED FIBER
2 PLACES
2623N S/N XXXX A0668698
014097001
0.32 (8.1)
0.43
#4-40 UNC 2B
0.12 (3.05) DEEP MIN,
6 PLACES
4.64 (117.9)
0.60 (15.2)
0.39
(9.8)
0.20
(5.11)
1.53
(38.9)
4.00 (101.6)
2.00 (50.8)
0.09 (2.2)
(10.8)
INPUT
1-1064(F)a



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com