Electronic Components Datasheet Search
  English  ▼

X  

5833P Datasheet(PDF) 2 Page - Agere Systems

Part # 5833P
Description  5833P Diplexer, Full-Duplex, Bidirectional, Single-Fiber, Data and Voice Transceivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

5833P Datasheet(HTML) 2 Page - Agere Systems

  5833P Datasheet HTML 1Page - Agere Systems 5833P Datasheet HTML 2Page - Agere Systems 5833P Datasheet HTML 3Page - Agere Systems 5833P Datasheet HTML 4Page - Agere Systems 5833P Datasheet HTML 5Page - Agere Systems 5833P Datasheet HTML 6Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Agere Systems Inc.
5833P Diplexer, Full-Duplex,
Data Sheet
Bidirectional, Single-Fiber, Data and Voice Transceivers
May 2001
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Operating Temperature Range
TOP
–40
25
85
°C
Storage Temperature Range
Tstg
–40
25
85
°C
Supply Voltage:
VCC (Tx/Rx)
VCC
—3.3
3.6
V
Optical Return Loss (APC Pigtail
Connector)
RL
—
—
–45
dB
Table 1. Transmitter Specifications
Parameter
Condition
Min
Typ
Max
Units
Wavelength
CW
1260
1310
1360
nm
Dynamic Extinction Ratio
—
8.2
—
—
dB
Output Power
—
–15
–12.5
–10
dBm
Input Data Voltage:
Low
High
—
Vcc – 2.1
Vcc – 1.2
—
—
Vcc – 1.4
Vcc – 0.5
V
V
Transmit Disable
TTL Low
—
—
0.8
V
Enable Delay Time
Open Loop
—
250
—
ns
Bit Rate:
5833P-0155
5833P-0622
—
—
—
155
622
—
—
Mbits/s
Mbits/s
Supply Current:
–40 °C
25 °C
85 °C
Exclude Input
Bias Network
—
—
—
100
105
130
—
—
—
mA
mA
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com