Electronic Components Datasheet Search
  English  ▼

X  

5833P Datasheet(PDF) 5 Page - Agere Systems

Part # 5833P
Description  5833P Diplexer, Full-Duplex, Bidirectional, Single-Fiber, Data and Voice Transceivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

5833P Datasheet(HTML) 5 Page - Agere Systems

  5833P Datasheet HTML 1Page - Agere Systems 5833P Datasheet HTML 2Page - Agere Systems 5833P Datasheet HTML 3Page - Agere Systems 5833P Datasheet HTML 4Page - Agere Systems 5833P Datasheet HTML 5Page - Agere Systems 5833P Datasheet HTML 6Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Agere Systems Inc.
Data Sheet
5833P Diplexer, Full-Duplex,
May 2001
Bidirectional, Single-Fiber, Data and Voice Transceivers
Laser Safety Information
Class I Laser Product
All versions of the 5833P-type transceivers are classified as Class I laser products per FDA/CDRH, 21 CFR 1040
Laser Safety requirements. The transceivers are classified with the FDA under accession number to be deter-
mined. All versions are Class I laser products per
IEC * 60825-1:1993.
CAUTION: Use of controls, adjustments, and procedures other than those specified herein may result in
hazardous laser radiation exposure.
This product complies with 21 CFR 1040.10 and 1040.11.
SMF-28 900
µm fiber pigtail with connector options.
Wavelength = 1.3
µm
Maximum power = 0.1 mW
Product is not shipped with power supply.
Because of size constraints, laser safety labeling is not affixed to the module but is attached to the outside of the
shipping carton.
NOTICE
Unterminated optical connectors can emit laser radiation.
Do not view with optical instruments.
* IEC is a registered trademark of The International Electrotechnical Commission.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com