Electronic Components Datasheet Search
  English  ▼

X  

D372 Datasheet(PDF) 1 Page - Agere Systems

Part # D372
Description  D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D372 Datasheet(HTML) 1 Page - Agere Systems

  D372 Datasheet HTML 1Page - Agere Systems D372 Datasheet HTML 2Page - Agere Systems D372 Datasheet HTML 3Page - Agere Systems D372 Datasheet HTML 4Page - Agere Systems D372 Datasheet HTML 5Page - Agere Systems D372 Datasheet HTML 6Page - Agere Systems D372 Datasheet HTML 7Page - Agere Systems D372 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
D372-Type Digital Uncooled DFB
Laser Module for 2.5 Gbits/s Applications
Data Sheet
December 2000
The low-profile D372-Type Laser Module is ideally suited for
OC-48 SONET and other high-speed digital applications.
Features
s
8-pin package suitable for SONET applications
s
Narrow linewidth, distributed feedback, multiquan-
tum-well (DFB-MQW)1.3
µm laser with single-
mode fiber pigtail
s
Choice of wide operating temperature ranges:
–40
°C to +85 °C or 0 °C to +85 °C
s
No TEC required
s
High output power: typical 2.0 mW peak power
coupled into single-mode fiber
s
Hermetically sealed active components
s
Internal back-facet monitor
s
Built-in thermistor and bias T
s
25
Ω input impedance
s
Internal isolator
s
Qualification program:
Telcordia Technologies *
TA-983
*
Telcordia Technologies is a registered trademark of Telcordia
Technologies, Inc.
Applications
s
SONET OC-48/STM-16 systems
s
Telecommunications
s
Secure digital data systems
Benefits
s
Easily board mounted
s
Gull wing leads
s
No additional heat sinks required
s
Low-cost alternative to industry-standard, 14-pin
isolated laser module (ILM)
s
Highly efficient DFB-MQW laser structure allows
for lower threshold and drive currents, and reduced
power consumption
Description
The D372-type uncooled laser module consists of a
laser diode coupled to a single-mode fiber pigtail.
The device is available in a standard, 8-pin configu-
ration (see Figure 1 and/or Table 1) and is ideal for
long-reach (SONET) and other high-speed digital
applications.
The module includes a narrow linewidth (<1 nm),
DFB-MQW single-mode laser and an InGaAs PIN
photodiode back-facet monitor in a hermetically
sealed package.
This package is optimized for a 25
Ω input imped-
ance and allows for dc biasing through an internal
bias T. A thermistor has been included for feedback
to board-level bias circuitry, if needed.


Similar Part No. - D372

ManufacturerPart #DatasheetDescription
logo
Kontron
D3724-MSTX KONTRON-D3724-MSTX Datasheet
2Mb / 5P
AMD Embedded R2000 Series SoC Platform
logo
List of Unclassifed Man...
D372A ETC1-D372A Datasheet
446Kb / 12P
Electroluminescent Lamp Driver IC
More results

Similar Description - D372

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D370 AGERE-D370 Datasheet
53Kb / 8P
D370-Type Digital Uncooled Laser Module
October 2000
D371 AGERE-D371 Datasheet
54Kb / 8P
D371-Type Digital Uncooled DFB Laser Module
January 1999
D374 AGERE-D374 Datasheet
56Kb / 8P
D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
December 2000
D571 AGERE-D571 Datasheet
200Kb / 8P
D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
April 2000
D572 AGERE-D572 Datasheet
370Kb / 8P
D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
February 2000
T92 AGERE-T92 Datasheet
89Kb / 8P
T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
March 2001
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20306 ERICSSON-PGT20306 Datasheet
290Kb / 4P
DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20326 ERICSSON-PGT20326 Datasheet
289Kb / 4P
DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
DFB/EA Laser Module for 2.5 Gb/s Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com