Electronic Components Datasheet Search
  English  ▼

X  

D372 Datasheet(PDF) 7 Page - Agere Systems

Part # D372
Description  D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D372 Datasheet(HTML) 7 Page - Agere Systems

  D372 Datasheet HTML 1Page - Agere Systems D372 Datasheet HTML 2Page - Agere Systems D372 Datasheet HTML 3Page - Agere Systems D372 Datasheet HTML 4Page - Agere Systems D372 Datasheet HTML 5Page - Agere Systems D372 Datasheet HTML 6Page - Agere Systems D372 Datasheet HTML 7Page - Agere Systems D372 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet
D372-Type Digital Uncooled DFB
December 2000
Laser Module for 2.5 Gbits/s Applications
7
Agere Systems Inc.
Class IIIb Laser Product
FDA/CDRH Class IIIb laser product. All versions are Class IIIb laser products per CDRH, 21 CFR 1040 Laser
Safety requirements. All versions are Class 3B laser products per
IEC * 60825-1:1993. The device has been classi-
fied with the FDA under accession number 8720010.
This product complies with 21 CFR 1040.10 and 1040.11.
8.3
µm single-mode pigtail or connector
Wavelength = 1.3
µm
Maximum power = 10 mW
Because of size constraints, labeling is not affixed to the module but attached to the outside of the shipping carton.
Product is not shipped with power supply.
Caution: Use of controls, adjustments, and procedures other than those specified herein may result in
hazardous laser radiation exposure.
DANGER
INVISIBLE LASER RADIATION
IS EMITTED FROM THE END
OF FIBER OR CONNECTOR
Avoid direct exposure to beam
Do not view beam directly with
optical instruments
INVISIBLE LASER RADIATION EMITTED FROM END OF FIBER OR CONNECTOR
Avoid exposure to beam
Class 3B Laser Product IEC-60825M 1993
Max. Output: 10 mW
Wavelength: 1.3
µm
*
IEC is a registered trademark of The International Electrotechnical Commission.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com