Electronic Components Datasheet Search
  English  ▼

X  

SZ5P Datasheet(PDF) 14 Page - Seoul Semiconductor

Part # SZ5P
Description  Super high Flux output and high Luminance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZ5P Datasheet(HTML) 14 Page - Seoul Semiconductor

Back Button SZ5P Datasheet HTML 10Page - Seoul Semiconductor SZ5P Datasheet HTML 11Page - Seoul Semiconductor SZ5P Datasheet HTML 12Page - Seoul Semiconductor SZ5P Datasheet HTML 13Page - Seoul Semiconductor SZ5P Datasheet HTML 14Page - Seoul Semiconductor SZ5P Datasheet HTML 15Page - Seoul Semiconductor SZ5P Datasheet HTML 16Page - Seoul Semiconductor SZ5P Datasheet HTML 17Page - Seoul Semiconductor SZ5P Datasheet HTML 18Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
SSC
SSC-
-SZ5P
SZ5P
August 2011
August 2011
www.seoulsemicon.com
www.seoulsemicon.com
서식번호 : SSC- QP- 7- 07- 12 (Rev.00)
14
Junction Temperature Characteristics
CCT vs. Junction Temperature at IF=350mA
20
40
60
80
100
120
140
160
3000
3500
4000
4500
5000
5500
6000
6500
7000
Junction Temperature[
oC]
Pure
Neutral
Warm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com