Electronic Components Datasheet Search
  English  ▼

X  

SZ5P Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # SZ5P
Description  Super high Flux output and high Luminance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZ5P Datasheet(HTML) 4 Page - Seoul Semiconductor

  SZ5P Datasheet HTML 1Page - Seoul Semiconductor SZ5P Datasheet HTML 2Page - Seoul Semiconductor SZ5P Datasheet HTML 3Page - Seoul Semiconductor SZ5P Datasheet HTML 4Page - Seoul Semiconductor SZ5P Datasheet HTML 5Page - Seoul Semiconductor SZ5P Datasheet HTML 6Page - Seoul Semiconductor SZ5P Datasheet HTML 7Page - Seoul Semiconductor SZ5P Datasheet HTML 8Page - Seoul Semiconductor SZ5P Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SSC
SSC-
-SZ5P
SZ5P
August 2011
August 2011
www.seoulsemicon.com
www.seoulsemicon.com
서식번호 : SSC- QP- 7- 07- 12 (Rev.00)
4
Characteristics of SZ5-P0-W0-00
Pure White
1-1 Electro-Optical characteristics at 350mA
1-2 Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Forward Current
IF
1000
mA
1000(1/10duty@1kHz)
Reverse Voltage
VR
5
V
Power Dissipation
Pd
4
W
Junction Temperature
Tj
145(@ IF ≤ 1000mA)
ºC
Operating Temperature
Topr
-40 ~ +85
ºC
Storage Temperature
Tstg
-40 ~ +100
ºC
ESD Sensitivity [5]
-
± 8,000V HBM
-
Parameter
Symbol
Value
Unit
Min
Typ
Max
Luminous Flux [1]
Ф
V
[2]
-
120
-
lm
Ф
V (Tj=100℃)
-
115
-
Correlated Color Temperature [3]
CCT
-
6000
-
K
CRI
Ra
-
70
-
-
Forward Voltage [4]
VF
-
3.3
-
V
Thermal resistance (J to S)
R
θ
J-S
6.2
K/W
View Angle
2
Θ ½
120
deg.
*Notes :
[1] SSC maintains a tolerance of ±10% on flux and power measurements.
[2]
Ф
V is the total luminous flux output as measured with an integrating sphere.
[3] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
Color coordinate : 0.005, CCT ±5% tolerance.
[4] Tolerance is ±0.06V on forward voltage measurements
[5] A zener diode is included to protect the product from ESD.
(Ta=25
℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com