Electronic Components Datasheet Search
  English  ▼

X  

PE44480 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44480
Description  SMP Male Connector Solder Attachment Thru Hole PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44480 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44480 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44480 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44480 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMP Male Connector Solder Attachment Thru Hole PCB from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Connector Solder Attachment Thru Hole PCB PE44480
URL: http://www.pasternack.com/smp-male-standard-thru-hole-pcb-connector-pe44480-p.aspx
SMP Male Connector Solder Attachment Thru Hole PCB
PE44480
PE44480 REV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com