Electronic Components Datasheet Search
  English  ▼

X  

PE44480 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44480
Description  SMP Male Connector Solder Attachment Thru Hole PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44480 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44480 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44480 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44480 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMP Male Connector Solder Attachment Thru Hole PCB
SMP Male Connector Solder Attachment Thru Hole PCB
Configuration
Connector
SMP Male
Connector Specification
MIL-STD-348A
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 26.5
Impedance, Ohms
50
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
500
Frequency 1
Frequency, GHz
DC to 2
VSWR
1.11:1
Return Loss, dB
26
Insertion Loss, dB
0.07
Frequency 2
Frequency, GHz
2 to 6
VSWR
1.22:1
Return Loss, dB
20
Insertion Loss, dB
0.12
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +155
Size
Length, in [mm]
0.28 [7.11]
Width/Dia., in [mm]
0.24 [6]
Height, in [mm]
0.24 [6.1]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMP Male
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PEEK
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Connector Solder Attachment Thru Hole PCB PE44480
PE44480
PE44480 REV


Similar Part No. - PE44480

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4448 PASTERNACK-PE4448 Datasheet
118Kb / 1P
TNC MALE CLAMP ATTACHMENT
PE44481 PASTERNACK-PE44481 Datasheet
351Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB
PE44482 PASTERNACK-PE44482 Datasheet
260Kb / 3P
SMP Male Connector Solder Attachment End Launch PCB
PE44483 PASTERNACK-PE44483 Datasheet
318Kb / 3P
SMP Male Bulkhead Connector Solder Attachment For PE-SR405AL PE-SR405FL RG405 4.83 mm Diameter
PE44484 PASTERNACK-PE44484 Datasheet
104Kb / 1P
PRECISION 7mm FOR PE310 VNA TEST CABLE
More results

Similar Description - PE44480

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44779 PASTERNACK-PE44779 Datasheet
252Kb / 3P
SMP Male Hermetically Sealed Connector Solder Attachment Thru Hole PCB, Up To 8 GHz
PE44970 PASTERNACK-PE44970 Datasheet
370Kb / 3P
Mini SMP Male Full Detent Connector Solder Attachment Thru Hole PCB Low Profile
PE44840 PASTERNACK-PE44840 Datasheet
263Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB, Up To 8 GHz Smooth Bore
PE44849 PASTERNACK-PE44849 Datasheet
287Kb / 3P
SMP Male Connector Solder Attachment Thru
PE44934 PASTERNACK-PE44934 Datasheet
381Kb / 3P
SMP Male Right Angle Full Detent Connector Solder Attachment Thru Hole PCB
PE44937 PASTERNACK-PE44937 Datasheet
373Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB 3 Leg Version
PE44939 PASTERNACK-PE44939 Datasheet
378Kb / 3P
SMP Female Connector Solder Attachment Thru Hole PCB
PE44957 PASTERNACK-PE44957 Datasheet
377Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB .140 inch Pin Length
PE44959 PASTERNACK-PE44959 Datasheet
376Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB 3 Leg Version
PE44966 PASTERNACK-PE44966 Datasheet
373Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB 3 Leg Version
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com