Electronic Components Datasheet Search
  English  ▼

X  

FW802 Datasheet(PDF) 2 Page - Agere Systems

Part # FW802
Description  Low-Power PHY IEEE 1394A-2000 Two-Cable Transceiver/Arbiter Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

FW802 Datasheet(HTML) 2 Page - Agere Systems

  FW802 Datasheet HTML 1Page - Agere Systems FW802 Datasheet HTML 2Page - Agere Systems FW802 Datasheet HTML 3Page - Agere Systems FW802 Datasheet HTML 4Page - Agere Systems FW802 Datasheet HTML 5Page - Agere Systems FW802 Datasheet HTML 6Page - Agere Systems FW802 Datasheet HTML 7Page - Agere Systems FW802 Datasheet HTML 8Page - Agere Systems FW802 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
22
Agere Systems Inc.
Data Sheet, Rev. 3
June 2001
Two-Cable Transceiver/Arbiter Device
FW802A Low-Power PHY IEEE 1394A-2000
Table of Contents
Contents
Page
Distinguishing Features ......................................................................................................................................... 1
Features ................................................................................................................................................................ 1
Other Features ...................................................................................................................................................... 1
Description ............................................................................................................................................................. 3
Signal Information .................................................................................................................................................. 6
Application Information ........................................................................................................................................ 10
Crystal Selection Considerations ......................................................................................................................... 11
1394 Application Support Contact Information .................................................................................................... 12
Absolute Maximum Ratings ................................................................................................................................. 12
Electrical Characteristics ..................................................................................................................................... 13
Timing Characteristics ......................................................................................................................................... 16
Timing Waveforms ............................................................................................................................................... 17
Internal Register Configuration ............................................................................................................................ 18
Outline Diagrams ................................................................................................................................................. 23
Ordering Information ............................................................................................................................................ 23
List of Figures
Figures
Page
Figure 1. Block Diagram ........................................................................................................................................ 5
Figure 2. Pin Assignments ..................................................................................................................................... 6
Figure 3. Typical External Component Connections ........................................................................................... 10
Figure 4. Typical Port Termination Network ........................................................................................................ 11
Figure 5. Dn, CTLn, and LREQ Input Setup and Hold Times Waveforms .......................................................... 17
Figure 6. Dn, CTLn Output Delay Relative to SYSCLK Waveforms .................................................................... 17
List of Tables
Tables
Page
Table 1. Signal Descriptions................................................................................................................................... 7
Table 2. Absolute Maximum Ratings.................................................................................................................... 12
Table 3. Analog Characteristics............................................................................................................................ 13
Table 4. Driver Characteristics ............................................................................................................................. 14
Table 5. Device Characteristics............................................................................................................................ 15
Table 6. Switching Characteristics ....................................................................................................................... 16
Table 7. Clock Characteristics ............................................................................................................................. 16
Table 8. PHY Register Map for the Cable Environment ...................................................................................... 18
Table 9. PHY Register Fields for the Cable Environment .................................................................................... 18
Table 10. PHY Register Page 0: Port Status Page ............................................................................................. 20
Table 11. PHY Register Port Status Page Fields ................................................................................................ 21
Table 12. PHY Register Page 1: Vendor Identification Page ............................................................................. 22
Table 13. PHY Register Vendor Identification Page Fields ................................................................................. 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com