Electronic Components Datasheet Search
  English  ▼

X  

FW802 Datasheet(PDF) 20 Page - Agere Systems

Part # FW802
Description  Low-Power PHY IEEE 1394A-2000 Two-Cable Transceiver/Arbiter Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

FW802 Datasheet(HTML) 20 Page - Agere Systems

Back Button FW802 Datasheet HTML 16Page - Agere Systems FW802 Datasheet HTML 17Page - Agere Systems FW802 Datasheet HTML 18Page - Agere Systems FW802 Datasheet HTML 19Page - Agere Systems FW802 Datasheet HTML 20Page - Agere Systems FW802 Datasheet HTML 21Page - Agere Systems FW802 Datasheet HTML 22Page - Agere Systems FW802 Datasheet HTML 23Page - Agere Systems FW802 Datasheet HTML 24Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
20
Agere Systems Inc.
Data Sheet, Rev. 3
June 2001
Two-Cable Transceiver/Arbiter Device
FW802A Low-Power PHY IEEE 1394A-2000
Internal Register Configuration (continued)
Table 9. PHY Register Fields for the Cable Environment (continued)
The port status page is used to access configuration and status information for each of the PHY’s ports. The port is
selected by writing zero to Page_select and the desired port number to Port_select in the PHY register at address
01112. The format of the port status page is illustrated by Table 10 below; reserved fields are shown shaded. The
meanings of the register fields with the port status page are defined by Table 11.
Table 10. PHY Register Page 0: Port Status Page
Field
Size Type
Power Reset
Value
Description
Enab_accel
1
rw
0
Enable Arbitration Acceleration. When set to one, the PHY will
use the enhancements specified in clause 8.11 of 1394a-2000
specification. PHY behavior is unspecified if the value of
Enab_accel is changed while a bus request is pending.
Enab_multi
1
rw
0
Enable multispeed packet concatenation. When set to one, the link
will signal the speed of all packets to the PHY.
Page_select
3
rw
000
Selects which of eight possible PHY register pages are accessible
through the window at PHY register addresses 10002 through
11112, inclusive.
Port_select
4
rw
000
If the page selected by Page_select presents per-port information,
this field selects which port’s registers are accessible through the
window at PHY register addresses 10002 through 11112, inclusive.
Ports are numbered monotonically starting at zero, p0.
Address
Contents
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
10002
AStat
BStat
Child
Connected
Bias
Disabled
10012
Negotiated_speed
Int_enable
Fault
XXXXX XXXXX XXXXX
10102
XXXXX XXXXX XXXXX XXXXX XXXXX XXXXX XXXXX XXXXX
10112
XXXXX XXXXX XXXXX XXXXX XXXXX XXXXX XXXXX XXXXX
11002
XXXXX XXXXX XXXXX XXXXX XXXXX XXXXX XXXXX XXXXX
11012
XXXXX XXXXX XXXXX XXXXX XXXXX XXXXX XXXXX XXXXX
11102
XXXXX XXXXX XXXXX XXXXX XXXXX XXXXX XXXXX XXXXX
11112
XXXXX XXXXX XXXXX XXXXX XXXXX XXXXX XXXXX XXXXX
REQUIRED
XXXXX RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com