Electronic Components Datasheet Search
  English  ▼

X  

L7583A Datasheet(PDF) 14 Page - Agere Systems

Part # L7583A
Description  Line Card Access Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L7583A Datasheet(HTML) 14 Page - Agere Systems

Back Button L7583A Datasheet HTML 10Page - Agere Systems L7583A Datasheet HTML 11Page - Agere Systems L7583A Datasheet HTML 12Page - Agere Systems L7583A Datasheet HTML 13Page - Agere Systems L7583A Datasheet HTML 14Page - Agere Systems L7583A Datasheet HTML 15Page - Agere Systems L7583A Datasheet HTML 16Page - Agere Systems L7583A Datasheet HTML 17Page - Agere Systems L7583A Datasheet HTML 18Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
14
Lucent Technologies Inc.
Data Sheet
February 2001
L7583A/B/C/D Line Card Access Switch
Typical Performance Characteristics
12-2309.f (F)
Figure 3. Protection Circuit A/C Version
12-2309.b (F)
Figure 4. Protection Circuit B/D Version
12-2311 (F)
Figure 5. Switches 1—5, 7, 9, 10
12-2312 (F)
Figure 6. Switches 6, 8
VBAT
<1
µA
3 V
dc CURRENT-LIMIT
BREAK SWITCHES
VBAT – 2
VON
50 mA
dc CURRENT LIMIT
(OF BREAK SWITCHES)
VBAT – 4
IH
VBAT
<1
µA
3 V
dc CURRENT-LIMIT
BREAK SWITCHES
dc CURRENT LIMIT
(OF BREAK SWITCHES)
VBAT – 3
+I
+V
–1.5 V
2/3 RON
CURRENT
LIMITING
–I
–V
CURRENT
LIMITING
ILIMIT
ILIMIT
RON
1.5 V
2/3 RON
RON
+I
+VOS
+V
RON
–VOS
–I
–V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com