Electronic Components Datasheet Search
  English  ▼

X  

L9312 Datasheet(PDF) 13 Page - Agere Systems

Part # L9312
Description  Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L9312 Datasheet(HTML) 13 Page - Agere Systems

Back Button L9312 Datasheet HTML 9Page - Agere Systems L9312 Datasheet HTML 10Page - Agere Systems L9312 Datasheet HTML 11Page - Agere Systems L9312 Datasheet HTML 12Page - Agere Systems L9312 Datasheet HTML 13Page - Agere Systems L9312 Datasheet HTML 14Page - Agere Systems L9312 Datasheet HTML 15Page - Agere Systems L9312 Datasheet HTML 16Page - Agere Systems L9312 Datasheet HTML 17Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Data Sheet
July 2001
Forward Battery SLIC and Ringing Relay for TR-57 Applications
L9312 Line Interface and Line Access Circuit
Agere Systems Inc.
13
Electrical Characteristics
In general, minimum and maximum values are testing requirements. However, some parameters may not be
tested in production because they are guaranteed by design and device characterization. Typical values reflect the
design center or nominal value of the parameter; they are for information only and are not a requirement. Minimum
and maximum values apply across the entire temperature range (–40 °C to +85 °C) and entire battery range
(–36 V to –70 V). Unless otherwise specified, typical is defined as 25 °C, VCC = VDD = 5.0, VBAT1 = –48 V
VBAT2 = –25 V. Positive currents flow into the device.
Table 4. Device Operating Conditions and Powering
* Not to exceed 26 grams of water per kilogram of dry air.
Parameter
Min
Typ
Max
Unit
Temperature Range
–40
—
85
°C
Humidity Range
5
—
95*
%RH
VBAT1 Operational Range
–36
–48
–72
V
VBAT2 Operational Range
–19
–25
VBAT1
V
5 V dc Supplies (VCC, VDD)
4.75
5.0
5.25
V
Supply Currents, Scan State
No Loop Current, VBAT = –48 V, VCC = VDD = 5 V:
IVCC
IVBAT1
Power Dissipation
—
—
—
2
100
15
2.5
200
22
mA
µA
mW
Supply Currents, Forward Active
No Loop Current, with On-hook Transmission, VBAT = –48 V,
VCC = VDD = 5 V:
IVCC
IVBAT1
Power Dissipation
—
—
—
6
1.1
83
6.5
1.4
100
mA
mA
mW
Supply Currents, Forward Disconnect, VBAT = –48 V, VCC = VDD = 5 V:
IVCC
IVBAT1
Power Dissipation
—
—
—
1.2
65
9
1.85
275
22.5
mA
µA
mW
Supply Currents, Ring State, No Loop Current,
VBAT = –48 V, VCC = VDD = 5 V, VRING = 80 Vrms:
IVCC
IVBAT1
IRING Generator
Power Dissipation
—
—
—
—
4
200
500
70
—
—
—
—
mA
µA
µA
mW
PSRR 500 Hz—3000 Hz:
VBAT1, VBAT2
VCC
45
30
—
—
—
—
dB
dB
Thermal Protection Shutdown (TTSD)
150
165
—
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com