Electronic Components Datasheet Search
  English  ▼

X  

L9312 Datasheet(PDF) 20 Page - Agere Systems

Part # L9312
Description  Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L9312 Datasheet(HTML) 20 Page - Agere Systems

Back Button L9312 Datasheet HTML 16Page - Agere Systems L9312 Datasheet HTML 17Page - Agere Systems L9312 Datasheet HTML 18Page - Agere Systems L9312 Datasheet HTML 19Page - Agere Systems L9312 Datasheet HTML 20Page - Agere Systems L9312 Datasheet HTML 21Page - Agere Systems L9312 Datasheet HTML 22Page - Agere Systems L9312 Datasheet HTML 23Page - Agere Systems L9312 Datasheet HTML 24Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Data Sheet
July 2001
Forward Battery SLIC and Ringing Relay for TR-57 Applications
L9312 Line Interface and Line Access Circuit
20
Agere Systems Inc.
Electrical Characteristics (continued)
Switch Characteristics (continued)
Table 13. Ringing Access Switch (SW4)
1. Choice of secondary protector and feed resistor should ensure these ratings are not exceeded. A minimum 400
Ω feed resistor is recom-
mended.
2. This parameter is not tested in production. It is guaranteed by design and device characterization.
3. Applied voltage is 100 Vp-p square wave at 100 Hz to measure dV/dT sensitivity.
On-State Switch I-V Characteristics
Parameter
Min
Typ
Max
Unit
Off State:
Maximum Differential Voltage
dc Leakage Current (Vsw = ±475 V) (pole to pole)
Isolation
—
—
—
—
—
—
±475
±20
±320
V
µA
V
On State (see On-State Switch I-V Characteristics section):
Resistance
Voltage
Steady-state Current1
Surge Current (10 x 700
µs pulse)2
Release Current
—
—
—
—
—
—
—
—
—
500
15
3
150
2
—
Ω
V
mA
A
µA
dV/dT Sensitivity2, 3
—
200
—V/µs
5-5990.c(F)
A. Line Break Switch SW1, SW2
12-3291.a(F)
B. Ring Return SW3
12-3292.a(F)
C. Ring Access SW4
Figure 4. On-State Switch I-V Characteristics
ILIM1
ISW
+1.5
2/3 RON
RON
–1.5
–ILIM1
+VMAX
VSW
ILIM2
–ILIM2
+V2
+V1
–VMAX –V2 –V1
–VMAX
–ILIMIT
+ILIMIT
+VMAX
VSW
+1.5 V
–1.5 V
RON
2/3 RON
CURRENT
LIMITING
ISW
2/3 RON
CURRENT
LIMITING
–VOS
+VOS
VSW
RON
ISW
RON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com