Electronic Components Datasheet Search
  English  ▼

X  

GR101 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # GR101
Description  1.6*0.8*0.8 mm Untinted, Diffused flat mold Dominant Wavelength: 570nm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

GR101 Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button GR101 Datasheet HTML 3Page - Seoul Semiconductor GR101 Datasheet HTML 4Page - Seoul Semiconductor GR101 Datasheet HTML 5Page - Seoul Semiconductor GR101 Datasheet HTML 6Page - Seoul Semiconductor GR101 Datasheet HTML 7Page - Seoul Semiconductor GR101 Datasheet HTML 8Page - Seoul Semiconductor GR101 Datasheet HTML 9Page - Seoul Semiconductor GR101 Datasheet HTML 10Page - Seoul Semiconductor GR101 Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
서식번호 : SSC- QP- 7- 07- 25 (Rev.0.0)
Rev. 02
Rev. 02
January 2012
January 2012
WWW.SEOULSEMICON.COM
WWW.SEOULSEMICON.COM
5. Reliability Test
0/22
1 time
85
℃, 85% 24hrs
Reflow 3 times
(Max 260
℃ 10sec)
Thermal shock
30 cycle
Thermal resistance
Test
0/22
500 hrs
20mA, @60
℃,90%
Operating at High
temperature
/ High humidity
0/22
500 hrs
20mA, @85
℃
Operating at High
temperature
0/22
100 cycle
-40~85
℃ Shift (2hr/cycle)
Thermal shock test
0/22
500 hrs
20mA, @25
℃
Operating at Room
temperature
Number Of
Damaged
Duration /
Cycle
Test Conditions
Item
*Criterion
Initial value ± 0.1V
V
F
> Initial value * 0.5
Iv
OK
MSL : 2a (30
℃, 60% : 4 weeks)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com