Electronic Components Datasheet Search
  English  ▼

X  

GR101 Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # GR101
Description  1.6*0.8*0.8 mm Untinted, Diffused flat mold Dominant Wavelength: 570nm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

GR101 Datasheet(HTML) 4 Page - Seoul Semiconductor

  GR101 Datasheet HTML 1Page - Seoul Semiconductor GR101 Datasheet HTML 2Page - Seoul Semiconductor GR101 Datasheet HTML 3Page - Seoul Semiconductor GR101 Datasheet HTML 4Page - Seoul Semiconductor GR101 Datasheet HTML 5Page - Seoul Semiconductor GR101 Datasheet HTML 6Page - Seoul Semiconductor GR101 Datasheet HTML 7Page - Seoul Semiconductor GR101 Datasheet HTML 8Page - Seoul Semiconductor GR101 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
서식번호 : SSC- QP- 7- 07- 25 (Rev.0.0)
Rev. 02
Rev. 02
January 2012
January 2012
WWW.SEOULSEMICON.COM
WWW.SEOULSEMICON.COM
2. Absolute maximum ratings
3. Electro-Optical Characteristics
℃
-40 ~ 100
T
stg.
Storage Temperature
V
5
V
R
Reverse Voltage
mW
75
P
d
Power Dissipation
℃
-40 ~ 85
T
opr.
Operating Temperature
mA
100
I
FM
*1
Peak Forward Current
mA
30
I
F
Forward Current
Unit
Value
Symbol
Parameter
nm
572
570
566
I
F=20㎃
λ
d
Wavelength
Luminous Intensity*2
uA
10
-
-
V
R=5V
I
R
Reverse Current
nm
-
28
-
I
F=20㎃
Δλ
mcd
36
25
18
I
F=20㎃
Iv
Spectral Bandwidth
˚
-
140
-
I
F=20㎃
2
θ
1/2
Viewing Angle*3 (Y)
2.0
Min
2.5
Max
2.2
Typ
V
I
F=20㎃
V
F
Forward Voltage
Unit
Condition
Symbol
Parameter
*1 I
FM conditions: Pulse width Tw≤ 1msec and Duty ratio≤1/10.
*2 The luminous intensity IV is measured at the peak of the spatial pattern which may not be aligned with the
mechanical axis of the LED package.
*3
θ1/2 is the off-axis where the luminous intensity is 1/2 the peak intensity.
(Ta=25
℃
℃
℃
℃)
(Ta=25
℃
℃
℃
℃)
[Note] All measurements were made under the standardized environment of SSC.
(Tolerance : I
v ± 10 %, λd ± 2 nm, VF ± 0.1 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com