Electronic Components Datasheet Search
  English  ▼

X  

HB601R Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # HB601R
Description  2.1*1.0*0.6 mm Side Type Wavelength: 470nm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

HB601R Datasheet(HTML) 5 Page - Seoul Semiconductor

  HB601R Datasheet HTML 1Page - Seoul Semiconductor HB601R Datasheet HTML 2Page - Seoul Semiconductor HB601R Datasheet HTML 3Page - Seoul Semiconductor HB601R Datasheet HTML 4Page - Seoul Semiconductor HB601R Datasheet HTML 5Page - Seoul Semiconductor HB601R Datasheet HTML 6Page - Seoul Semiconductor HB601R Datasheet HTML 7Page - Seoul Semiconductor HB601R Datasheet HTML 8Page - Seoul Semiconductor HB601R Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev.01
Rev.01
December 2010
December 2010
www.seoulsemicon.com
www.seoulsemicon.com
4. Electro-Optical characteristic Diagram
Forward Current vs. Forward Voltage
Relative Luminous Intensity vs
Forward Current
Ambient Temperature vs.
Allowable Forward Current
Radiation Diagram
0
2040
6080
100
0
5
10
15
20
25
Ambient temperature Ta(
o
)
0
30
60
90
120
150
180
0
5
10
15
20
25
30
50
100
150
200
250
300
350
400
Forward Current I
F [mA]
2.9
3.0
3.1
3.2
3.3
3.4
3.5
1
10
For w ar d V ol tage V
F(V )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com