Electronic Components Datasheet Search
  English  ▼

X  

LUCL9500 Datasheet(PDF) 17 Page - Agere Systems

Part # LUCL9500
Description  High-Voltage Ringing SLIC for VolP Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9500 Datasheet(HTML) 17 Page - Agere Systems

Back Button LUCL9500 Datasheet HTML 13Page - Agere Systems LUCL9500 Datasheet HTML 14Page - Agere Systems LUCL9500 Datasheet HTML 15Page - Agere Systems LUCL9500 Datasheet HTML 16Page - Agere Systems LUCL9500 Datasheet HTML 17Page - Agere Systems LUCL9500 Datasheet HTML 18Page - Agere Systems LUCL9500 Datasheet HTML 19Page - Agere Systems LUCL9500 Datasheet HTML 20Page - Agere Systems LUCL9500 Datasheet HTML 21Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Preliminary Data Sheet
September 2001
High-Voltage Ringing SLIC for VoIP Applications
L9500A
Agere Systems Inc.
17
Electrical Characteristics (continued)
Table 14. Logic Inputs and Outputs (VCC = 5 V)
Table 15. Logic Inputs and Outputs (VCC = 3.3 V)
Table 16. Ground Start
Parameter
Symbol
Min
Typ
Max
Unit
Input Voltages:
Low Level
High Level
VIL
VIH
–0.5
2.0
0.4
2.4
0.7
VCC
V
V
Input Current:
Low Level (VCC = 5.25 V, VI = 0.4 V)
High Level (VCC = 5.25 V, VI = 2.4 V)
IIL
IIH
—
—
—
—
±100
±75
µA
µA
Output Voltages (open collector with internal pull-up resistor):
Low Level (VCC = 4.75 V, IOL = 360
µA)
High Level (VCC = 4.75 V, IOH = –20
µA)
VOL
VOH
0
2.4
0.2
—
0.4
VCC
V
V
Parameter
Symbol
Min
Typ
Max
Unit
Input Voltages:
Low Level
High Level
VIL
VIH
–0.5
2.0
0.2
2.5
0.5
VCC
V
V
Input Current:
Low Level (VCC = 3.46 V, VI = 0.4 V)
High Level (VCC = 3.46 V, VI = 2.4 V)
IIL
IIH
—
—
—
—
±50
±50
µA
µA
Output Voltages (open collector with internal 60 k
Ω pull-up resistor):
Low Level (VCC = 3.13 V, IOL = 360
µA)
High Level (VCC = 3.13 V, IOH = –5
µA)
VOL
VOH
0
2.2
0.2
—
0.5
VCC
V
V
Parameter
Min
Typ
Max
Unit
Tip Open Mode—Tip Input Impedance
150
—
—
k
Ω
Threshold
—
13
—
mA
Hysteresis:
VCC = 5 V
VCC = 3.3 V
—
—
2
2
—
—
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com