Electronic Components Datasheet Search
  English  ▼

X  

LUCL9500 Datasheet(PDF) 21 Page - Agere Systems

Part # LUCL9500
Description  High-Voltage Ringing SLIC for VolP Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9500 Datasheet(HTML) 21 Page - Agere Systems

Back Button LUCL9500 Datasheet HTML 17Page - Agere Systems LUCL9500 Datasheet HTML 18Page - Agere Systems LUCL9500 Datasheet HTML 19Page - Agere Systems LUCL9500 Datasheet HTML 20Page - Agere Systems LUCL9500 Datasheet HTML 21Page - Agere Systems LUCL9500 Datasheet HTML 22Page - Agere Systems LUCL9500 Datasheet HTML 23Page - Agere Systems LUCL9500 Datasheet HTML 24Page - Agere Systems LUCL9500 Datasheet HTML 25Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Preliminary Data Sheet
September 2001
High-Voltage Ringing SLIC for VoIP Applications
L9500A
Agere Systems Inc.
21
Applications
Power Control
Under normal device operating conditions, power dissi-
pation on the device must be controlled to prevent the
device temperature from rising above the thermal shut-
down and causing the device to shut down. Power dis-
sipation is highest with higher battery voltages, higher
current limit, and under shorter dc loop conditions.
Additionally, higher ambient temperature will also
reduce thermal margin.
To support required power ringing voltages, this device
is meant to operate with a high-voltage primary battery
(–65 V to –75 V typically). Thus, power control is nor-
mally achieved by use of the battery switch and an aux-
iliary lower absolute voltage battery. Operating
temperature range, maximum current limit, maximum
battery voltage, minimum dc loop length and protection
resistors values, airflow, and number of PC board lay-
ers will influence the overall thermal performance. The
following example illustrates typical thermal design
considerations.
The thermal resistance of the 28-pin PLCC package is
typically 35.5
°C/W, which is representative of the natu-
ral airflow as seen in a typical switch cabinet with a
multilayer board.
The L9500 will enter thermal shutdown at a typical tem-
perature of 150
°C. The thermal design should ensure
that the SLIC does not reach this temperature under
normal operating conditions.
For this example, assume a maximum ambient operat-
ing temperature of 85
°C, a designed current limit of
30 mA, a maximum battery of –75 V, and an auxiliary
battery of –21 V. Assume a (worst-case) minimum dc
loop of 20
Ω of wire resistance, 30 Ω protection resis-
tors, and 200
Ω for the handset. Additionally, include
the effects of parameter tolerance.
1. TTSD – TAMBIENT(max) = allowed thermal rise.
150°C – 85 °C = 65 °C.
2. Allowed thermal rise = package thermal
impedance
• SLIC power dissipation.
65 °C = 35.5°C/W
• SLIC power dissipation
SLIC power dissipation (PD) = 1.83 W.
Thus, if the total power dissipated in the SLIC is less
than 1.83 W, it will not enter the thermal shutdown
state. Total SLIC power is calculated as:
Total PD = maximum battery
• maximum current
limit + SLIC quiescent power.
For the L9500A, the worst-case SLIC on-hook active
power is 64 mW. Thus,
Total off-hook power = (ILOOP)(current-limit
tolerance) * (VBATAPPLIED) + SLIC on-hook power
Total off-hook power = (0.030 A)(1.08) * (21) +
75 mW
Total off-hook power = 744.4 mW
The power dissipated in the SLIC is the total power dis-
sipation less the power that is dissipated in the loop.
SLIC PD = Total power – loop power
Loop off-hook power = (ILOOP * 1.08)2
• (RLOOP(dc)
min + 2RPROTECTION + RHANDSET)
Loop off-hook power = ((0.030 A)(1.08))2
• (20
Ω +
60
Ω + 200 Ω)
Loop off-hook power = 293.9 mW
SLIC off-hook power = Total off-hook power – loop
off-hook power
SLIC off-hook power = 744.4 mW – 293.9 mW
SLIC off-hook power = 450.5 mW < 1.83 W
Thus, under the worst-case normal operating condi-
tions of this example, the thermal design, using the
auxiliary, is adequate to ensure the device is not driven
into thermal shutdown under worst-case operating con-
ditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com