Electronic Components Datasheet Search
  English  ▼

X  

OR3LP26B Datasheet(PDF) 40 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 40 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 36Page - Agere Systems OR3LP26B Datasheet HTML 37Page - Agere Systems OR3LP26B Datasheet HTML 38Page - Agere Systems OR3LP26B Datasheet HTML 39Page - Agere Systems OR3LP26B Datasheet HTML 40Page - Agere Systems OR3LP26B Datasheet HTML 41Page - Agere Systems OR3LP26B Datasheet HTML 42Page - Agere Systems OR3LP26B Datasheet HTML 43Page - Agere Systems OR3LP26B Datasheet HTML 44Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
40
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual Port (continued)
Master Write, Burst Transaction
Figure 4 (FPGA bus) and Figure 5 (PCI bus) show the timing of a four Quadword Master write burst transaction.
Operation is similar to that in the previous Master write, nonburst transaction, but extra data is supplied by the
FPGA application. In Figure 4, the transaction is initiated by the FPGA application asserting Master address enable
(maenn), while providing the command word and address on bus datafmfpga. On the second through fifth clocks,
maenn is deasserted, the Master write data enable (mwdataenn) is asserted, and four Quadwords of data are
provided on bus datafmfpga. Since the protocol for providing start-up data is fixed for a specific operation, the
FPGA application can be preprogrammed with the sequence, or can use the value of the Master state counter
(mstatecntr) to assist in determination of the next required Quadword of information. The PCI core knows that this
is a burst operation because the FPGA application deasserts the Master write burst signal (mwlastcycn) during all
but the final data transfer cycle. Execution begins on the PCI bus, as shown in Figure 5. If the Master write PCI bus
hold signal (mwpcihold) is inactive, PCI bus activity will begin when the Master write FIFO goes nonempty; other-
wise, the PCI bus activity will wait until all data is loaded, as in this case, or the FIFO goes full. Execution begins on
the PCI bus, as shown in Figure 5.
5-8832(F).a
Figure 4. Master Write 32-Byte Burst (FPGA Bus, Dual-Port)
T0
T1
T2
T3
T4
T5
T6
T7
X
0
4
0
X
CMD
X
X
ADRS
D0
D1
D2
D3
X
fclk
ma_fulln
mstatecntr
mcmd
datafmfpga
maenn
mwdataenn
mwlastcycn
mw_fulln
mw_afulln
mwpcihold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com