Electronic Components Datasheet Search
  English  ▼

X  

OR3C55 Datasheet(PDF) 108 Page - Agere Systems

Part # OR3C55
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55 Datasheet(HTML) 108 Page - Agere Systems

Back Button OR3C55 Datasheet HTML 104Page - Agere Systems OR3C55 Datasheet HTML 105Page - Agere Systems OR3C55 Datasheet HTML 106Page - Agere Systems OR3C55 Datasheet HTML 107Page - Agere Systems OR3C55 Datasheet HTML 108Page - Agere Systems OR3C55 Datasheet HTML 109Page - Agere Systems OR3C55 Datasheet HTML 110Page - Agere Systems OR3C55 Datasheet HTML 111Page - Agere Systems OR3C55 Datasheet HTML 112Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 210 page
background image
108
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Table 43. Ripple Mode PFU Timing Characteristics (continued)
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C < TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C < TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
Parameter
(TJ = +85 °C, VDD = min)
Symbol
Speed
Unit
-4
-5
-6
-7
Min
Max
Min Max
Min
Max
Min
Max
Full Ripple Delays (byte wide):
Operands to Carry-out (Kz[1:0] to COUT)
Operands to Carry-out (Kz[1:0] to FCOUT)
Operands to PFU Out (Kz[1:0] to F[7:0])
Bitwise Operands to PFU Out (Kz[1:0] to F[z])
Fast Carry-in to Carry-out (FCIN to COUT)
Fast Carry-in to Fast Carry-out (FCIN to FCOUT)
Carry-in to Carry-out (CIN to COUT)
Carry-in to Fast Carry-out (CIN to FCOUT)
Fast Carry-in PFU Out (FCIN to F[7:0])
Carry-in PFU Out (CIN to F[7:0])
Add/Subtract to Carry-out (ASWE to COUT)
Add/Subtract to Carry-out (ASWE to FCOUT)
Add/Subtract to PFU Out (ASWE to F[7:0])
RIPCO_DEL
RIPFCO_DEL
RIP_DEL
FRIP_DEL
FCINCO_DEL
FCINFCO_DEL
CINCO_DEL
CINFCO_DEL
FCIN_DEL
CIN_DEL
ASCO_DEL
ASFCO_DEL
AS_DEL
—
—
—
—
—
—
—
—
—
—
—
—
—
5.32
5.30
7.37
2.34
2.59
2.57
3.47
3.46
6.03
6.91
8.28
8.11
10.66
—
—
—
—
—
—
—
—
—
—
—
—
—
4.11
4.10
5.60
1.80
1.99
1.98
2.65
2.64
4.55
5.21
5.89
5.78
7.55
—
—
—
—
—
—
—
—
—
—
—
—
—
2.98
2.98
4.18
1.32
1.43
1.41
1.79
1.78
3.21
3.53
4.58
4.48
5.85
—
—
—
—
—
—
—
—
—
—
—
—
—
2.32
2.32
3.10
1.05
1.14
1.13
1.43
1.43
2.51
3.05
3.45
3.38
4.38
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Half Ripple Delays (nibble wide):
Operands to Carry-out (Kz[1:0] to COUT)
Operands to Fast Carry-out (Kz[1:0] to FCOUT)
Operands to PFU Out (Kz[1:0] to F[3:0])
Bitwise Operands to PFU Out (Kz[1:0] to F[z])
Fast Carry-in to Carry-out (FCIN to COUT)
Fast Carry-in to Fast Carry-out (FCIN to FCOUT)
Carry-in to Carry-out (CIN to COUT)
Carry-in to Carry-out (CIN to FCOUT)
Fast Carry-in PFU Out (FCIN to F[3:0])
Carry-in PFU Out (CIN to F[3:0])
Add/Subtract to Carry-out (ASWE to COUT)
Add/Subtract to Carry-out (ASWE to FCOUT)
Add/Subtract to PFU Out (ASWE to F[3:0])
HRIPCO_DEL
HRIPFCO_DEL
HRIP_DEL
HFRIP_DEL
HFCINCO_DEL
HFCINFCO_DEL
HCINCO_DEL
HCINFCO_DEL
HFCIN_DEL
HCIN_DEL
HASCO_DEL
HASFCO_DEL
HAS_DEL
—
—
—
—
—
—
—
—
—
—
—
—
—
5.32
5.30
5.50
2.34
2.59
2.57
3.47
3.46
3.76
4.65
8.28
8.11
9.12
—
—
—
—
—
—
—
—
—
—
—
—
—
4.11
4.10
4.07
1.80
1.99
1.98
2.65
2.64
2.84
3.50
5.89
5.78
6.49
—
—
—
—
—
—
—
—
—
—
—
—
—
2.98
2.98
3.20
1.32
1.43
1.41
1.79
1.78
2.01
2.33
4.58
4.48
4.86
—
—
—
—
—
—
—
—
—
—
—
—
—
2.32
2.32
2.40
1.05
1.14
1.13
1.43
1.43
1.58
2.12
3.45
3.38
3.69
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Note: The table shows worst-case delay for the ripple chain. ORCA Foundry reports the delay for individual paths within the ripple chain that will
be less than or equal to those listed above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com