Electronic Components Datasheet Search
  English  ▼

X  

OR3C55 Datasheet(PDF) 110 Page - Agere Systems

Part # OR3C55
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55 Datasheet(HTML) 110 Page - Agere Systems

Back Button OR3C55 Datasheet HTML 106Page - Agere Systems OR3C55 Datasheet HTML 107Page - Agere Systems OR3C55 Datasheet HTML 108Page - Agere Systems OR3C55 Datasheet HTML 109Page - Agere Systems OR3C55 Datasheet HTML 110Page - Agere Systems OR3C55 Datasheet HTML 111Page - Agere Systems OR3C55 Datasheet HTML 112Page - Agere Systems OR3C55 Datasheet HTML 113Page - Agere Systems OR3C55 Datasheet HTML 114Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 210 page
background image
110
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Table 45. Synchronous Memory Read Characteristics
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
Note: The table shows worst-case delays. ORCA Foundry reports the delays for individual paths within a group of paths representing the same
timing parameter and may accurately report delays that are less than those listed.
5-4622(F)
Figure 66. Synchronous Memory Read Cycle
Parameter
(TJ = 85 °C, VDD = min)
Symbol
Speed
Unit
-4
-5
-6
-7
Min
Max
Min Max Min
Max
Min
Max
Read Operation:
Data Valid After Address (Kz[3:0] to F[6, 4, 2, 0])
Data Valid After Address (F5[A:D] to F[6, 4, 2, 0])
RA_DEL
RA4_DEL
—
—
2.34
2.11
—
—
1.80
1.57
—
—
1.32
1.23
—
—
1.05
0.99
ns
ns
Read Operation, Clocking Data into Latch/FF:
Address to Clock Setup Time (Kz[3:0] to CLK)
Address to Clock Setup Time (F5[A:D] to CLK)
Address from Clock Hold Time (Kz[3:0] from CLK)
Address from Clock Hold Time (F5[A:D] from CLK)
Clock to PFU Output—Register (CLK to Q[6, 4, 2, 0])
Read Cycle Delay
RA_SET
RA4_SET
RA_HLD
RA4_HLD
REG_DEL
SMRD_CYC
1.99
1.79
0.00
0.00
—
—
—
—
—
—
2.38
10.48
1.47
1.33
0.00
0.00
—
—
—
—
—
—
1.75
7.66
1.08
1.03
0.00
0.00
—
—
—
—
—
—
1.26
7.53
0.85
0.81
0.00
0.00
—
—
—
—
—
—
0.97
5.78
ns
ns
ns
ns
ns
ns
Kz[3:0], F5[A:D]
F[6, 4, 2, 0]
CLK
Q[3:0]
RA_DEL
RA4_DEL
RA_SET
RA4_SET
REG_DEL
RA_HLD
RA4_HLD
SMRD_CYC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com