Electronic Components Datasheet Search
  English  ▼

X  

OR3C55 Datasheet(PDF) 113 Page - Agere Systems

Part # OR3C55
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55 Datasheet(HTML) 113 Page - Agere Systems

Back Button OR3C55 Datasheet HTML 109Page - Agere Systems OR3C55 Datasheet HTML 110Page - Agere Systems OR3C55 Datasheet HTML 111Page - Agere Systems OR3C55 Datasheet HTML 112Page - Agere Systems OR3C55 Datasheet HTML 113Page - Agere Systems OR3C55 Datasheet HTML 114Page - Agere Systems OR3C55 Datasheet HTML 115Page - Agere Systems OR3C55 Datasheet HTML 116Page - Agere Systems OR3C55 Datasheet HTML 117Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 210 page
background image
Lucent Technologies Inc.
113
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Table 48. Programmable I/O (PIO) Timing Characteristics (continued)
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
Parameter
Symbol
Speed
Unit
-4
-5
-6
-7
Min
Max
Min
Max
Min
Max
Min
Max
Output Delays (TJ = 85 °C, VDD = min, CL = 50 pF)
Output to Pad (OUT2, OUT1 direct to pad):
Fast
Slewlim
Sinklim
OUTF_DEL
OUTSL_DEL
OUTSI_DEL
—
—
—
5.09
7.86
9.41
—
—
—
4.21
6.49
7.98
—
—
—
2.63
3.49
8.08
—
—
—
2.17
2.91
7.32
ns
ns
ns
3-state Enable/Disable Delay (TS to pad):
Fast
Slewlim
Sinklim
TSF_DEL
TSSL_DEL
TSSI_DEL
—
—
—
4.93
7.70
9.25
—
—
—
4.09
6.37
7.86
—
—
—
2.33
3.00
7.95
—
—
—
1.88
2.41
7.23
ns
ns
ns
Local Set/Reset (async) to Pad (LSR to pad):
Fast
Slewlim
Sinklim
OUTLSRF_DEL
OUTLSRSL_DEL
OUTLSRSI_DEL
—
—
—
9.03
11.79
13.35
—
—
—
7.25
9.53
11.02
—
—
—
4.96
5.82
10.38
—
—
—
3.94
4.67
9.10
ns
ns
ns
Global Set/Reset to Pad (GSRN to pad):
Fast
Slewlim
Sinklim
OUTGSRF_DEL
OUTGSRSL_DEL
OUTGSRSI_DEL
—
—
—
8.30
11.06
12.62
—
—
—
6.69
8.97
10.46
—
—
—
4.39
5.07
10.02
—
—
—
3.46
3.99
8.81
ns
ns
ns
Output FF Setup Timing:
Out to ExpressCLK (OUT[2:1] to ECLK)
Out to Clock (OUT[2:1] to CLK)
Clock Enable to Clock (CE to CLK)
Local Set/Reset (sync) to Clock (LSR to CLK)
OUTE_SET
OUT_SET
OUTCE_SET
OUTLSR_SET
0.00
0.00
0.91
0.41
—
—
—
—
0.00
0.00
0.67
0.32
—
—
—
—
0.00
0.00
0.56
0.26
—
—
—
—
0.00
0.00
0.45
0.24
—
—
—
—
ns
ns
ns
ns
Output FF Hold Timing:
Out from ExpressCLK (OUT[2:1] from ECLK)
Out from Clock (OUT[2:1] from CLK)
Clock Enable from Clock (CE from CLK)
Local Set/Reset (sync) from Clock (LSR from
CLK)
OUTE_HLD
OUT_HLD
OUTCE_HLD
OUTLSR_HLD
0.73
0.73
0.00
0.00
—
—
—
—
0.58
0.58
0.00
0.00
—
—
—
—
0.36
0.36
0.00
0.00
—
—
—
—
0.29
0.29
0.00
0.00
—
—
—
—
ns
ns
ns
ns
Clock to Pad Delay (ECLK, SCLK to pad):
Fast
Slewlim
Sinklim
OUTREGF_DEL
OUTREGSL_DEL
OUTREGSI_DEL
—
—
—
6.71
9.47
11.03
—
—
—
5.44
7.71
9.20
—
—
—
3.56
4.42
8.98
—
—
—
2.78
3.52
7.94
ns
ns
ns
Additional Delay If Using Open Drain
OD_DEL
—
0.20
—
0.16
—
0.10
—
0.08
ns
Note: The delays for all input buffers assume an input rise/fall time of <1 V/ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com