Electronic Components Datasheet Search
  English  ▼

X  

OR3C55 Datasheet(PDF) 131 Page - Agere Systems

Part # OR3C55
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55 Datasheet(HTML) 131 Page - Agere Systems

Back Button OR3C55 Datasheet HTML 127Page - Agere Systems OR3C55 Datasheet HTML 128Page - Agere Systems OR3C55 Datasheet HTML 129Page - Agere Systems OR3C55 Datasheet HTML 130Page - Agere Systems OR3C55 Datasheet HTML 131Page - Agere Systems OR3C55 Datasheet HTML 132Page - Agere Systems OR3C55 Datasheet HTML 133Page - Agere Systems OR3C55 Datasheet HTML 134Page - Agere Systems OR3C55 Datasheet HTML 135Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 210 page
background image
Lucent Technologies Inc.
131
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Table 58. OR3C/Txxx Input to Fast Clock Setup/Hold Time (Pin-to-Pin) (continued)
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
Notes:
The pin-to-pin timing parameters in this table should be used instead of results reported by ORCA Foundry.
The FCLK delays are for a fully routed clock tree that uses the ExpressCLK input into the fast clock network. It includes both the input buffer
delay and the clock routing to the PFU CLK input. The delay will be reduced if any of the clock branches are not used.
5-4847(F).a
Figure 80. Input to Fast Clock Setup/Hold Time
Description
(TJ = 85 °C, VDD = min)
Device
Speed
Unit
-4
-5
-6
-7
MinMax
MinMax
MinMax
MinMax
Input to FCLK Hold Time (middle
ECLK pin, delayed data input)
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
0.00
0.00
—
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
ns
ns
ns
ns
ns
Input to FCLK Hold Time (corner
ECLK pin)
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
8.43
9.09
—
—
—
—
—
—
6.26
6.49
6.98
7.53
8.45
—
—
—
—
—
5.54
5.72
6.09
6.47
7.10
—
—
—
—
—
4.88
5.04
5.40
5.79
6.40
—
—
—
—
—
ns
ns
ns
ns
ns
Input to FCLK Hold Time (corner
ECLK pin, delayed data input)
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
0.00
0.00
—
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
ns
ns
ns
ns
ns
Q
D
ECLK
INPUT
PIO FF
CLKCNTRL
FCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com