Electronic Components Datasheet Search
  English  ▼

X  

OR3C55 Datasheet(PDF) 134 Page - Agere Systems

Part # OR3C55
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55 Datasheet(HTML) 134 Page - Agere Systems

Back Button OR3C55 Datasheet HTML 130Page - Agere Systems OR3C55 Datasheet HTML 131Page - Agere Systems OR3C55 Datasheet HTML 132Page - Agere Systems OR3C55 Datasheet HTML 133Page - Agere Systems OR3C55 Datasheet HTML 134Page - Agere Systems OR3C55 Datasheet HTML 135Page - Agere Systems OR3C55 Datasheet HTML 136Page - Agere Systems OR3C55 Datasheet HTML 137Page - Agere Systems OR3C55 Datasheet HTML 138Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 210 page
background image
134
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Table 60. General Configuration Mode Timing Characteristics (continued)
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
Note: TPO is triggered when VDD reaches between 3.0 V to 4.0 V for the OR3Cxx and between 2.7 V and 3.0 V for the OR3Txxx.
Parameter
Symbol
Min
Max
Unit
Slave Parallel Mode
Power-on Reset Delay
CCLK Period:
OR3Cxx
OR3Txxx
Configuration Latency (normal mode):
OR3T20
OR3T30
OR3C55
OR3T55
OR3C80
OR3T80
OR3T125
TPO
TCCLK
TCL
3.90
40.00
15.00
0.36
0.47
1.94
0.72
2.81
1.05
1.64
13.10
—
—
—
—
—
—
—
—
—
ms
ns
ns
ms
ms
ms
ms
ms
ms
ms
Partial Reconfiguration (explicit mode):
OR3T20
OR3T30
OR3C55
OR3T55
OR3C80
OR3T80
OR3T125
TPR
0.48
0.54
1.72
0.65
2.04
0.77
0.93
—
—
—
—
—
—
—
µs/frame
µs/frame
µs/frame
µs/frame
µs/frame
µs/frame
µs/frame
INIT
Timing
INIT
High to CCLK Delay:
Slave Parallel
Slave Serial
Master Serial:
(M3 = 1)
(M3 = 0)
Master Parallel:
(M3 = 1)
(M3 = 0)
TINIT_CCLK
1.00
1.00
1.00
0.50
4.80
1.00
—
—
3.40
2.00
16.20
3.60
µs
µs
µs
µs
µs
µs
Initialization Latency (PRGM high to INIT high):
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
TIL
0.21
0.24
0.30
0.36
0.45
0.68
0.79
1.00
1.20
1.50
ms
ms
ms
ms
ms
INIT
High to WR, Asynchronous Peripheral
TINIT_WR
2.00
—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com