Electronic Components Datasheet Search
  English  ▼

X  

OR3C55 Datasheet(PDF) 137 Page - Agere Systems

Part # OR3C55
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55 Datasheet(HTML) 137 Page - Agere Systems

Back Button OR3C55 Datasheet HTML 133Page - Agere Systems OR3C55 Datasheet HTML 134Page - Agere Systems OR3C55 Datasheet HTML 135Page - Agere Systems OR3C55 Datasheet HTML 136Page - Agere Systems OR3C55 Datasheet HTML 137Page - Agere Systems OR3C55 Datasheet HTML 138Page - Agere Systems OR3C55 Datasheet HTML 139Page - Agere Systems OR3C55 Datasheet HTML 140Page - Agere Systems OR3C55 Datasheet HTML 141Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 210 page
background image
Lucent Technologies Inc.
137
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Table 62. Master Parallel Configuration Mode Timing Characteristics
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
Notes:
The RCLK period consists of seven CCLKs for RCLK low and one CCLK for RCLK high.
Serial data is transmitted out on DOUT 1.5 CCLK cycles after the byte is input on D[7:0].
5-6764(F)
Figure 84. Master Parallel Configuration Mode Timing Diagram
Parameter
Symbol
Min
Max
Unit
RCLK to Address Valid
TAV
—
60.00
ns
D[7:0] Setup Time to RCLK HighTS
60.00
—
ns
D[7:0] Hold Time to RCLK HighTH
0.00
—
ns
RCLK Low Time (M3 = 0)
TCL
7.00
7.00
CCLK cycles
RCLK High Time (M3 = 0)
TCH
1.00
1.00
CCLK cycles
RCLK Low Time (M3 = 1)
TCL
7.00
7.00
CCLK cycles
RCLK High Time (M3 = 1)
TCH
1.00
1.00
CCLK cycles
CCLK to DOUT
TD
—5.00
ns
A[17:0]
RCLK
D[7:0]
TCL
TCH
TAV
CCLK
DOUT
TH
TS
BYTE N
BYTE N + 1
D0
D1
D2
D3
D4
D5
D6
D7
TD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com