Electronic Components Datasheet Search
  English  ▼

X  

OR3C55 Datasheet(PDF) 136 Page - Agere Systems

Part # OR3C55
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55 Datasheet(HTML) 136 Page - Agere Systems

Back Button OR3C55 Datasheet HTML 132Page - Agere Systems OR3C55 Datasheet HTML 133Page - Agere Systems OR3C55 Datasheet HTML 134Page - Agere Systems OR3C55 Datasheet HTML 135Page - Agere Systems OR3C55 Datasheet HTML 136Page - Agere Systems OR3C55 Datasheet HTML 137Page - Agere Systems OR3C55 Datasheet HTML 138Page - Agere Systems OR3C55 Datasheet HTML 139Page - Agere Systems OR3C55 Datasheet HTML 140Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 210 page
background image
136
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Table 61. Master Serial Configuration Mode Timing Characteristics
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
* Data gets clocked out from an external serial ROM. The clock to data delay of the serial ROM must be less than the CCLK frequency since
the data available out of the serial ROM must be setup and waiting to be clocked into the FPGA before the next CCLK rising edge.
Note: Serial configuration data is transmitted out on DOUT on the falling edge of CCLK after it is input on DIN.
5-4532(F)
Figure 83. Master Serial Configuration Mode Timing Diagram
Parameter
Symbol
Min
Max
Unit
DIN Setup Time*
TS
60.00
—
ns
DIN Hold Time
TH
0.00
—
ns
CCLK Frequency (M3 = 0)
FC
5.00
16.67
MHz
CCLK Frequency (M3 = 1)
FC
0.63
2.08
MHz
CCLK to DOUT Delay
TD
—5.00
ns
DIN
CCLK
DOUT
TS
TH
BIT N
TD
BIT N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com