Electronic Components Datasheet Search
  English  ▼

X  

OR3C55 Datasheet(PDF) 148 Page - Agere Systems

Part # OR3C55
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55 Datasheet(HTML) 148 Page - Agere Systems

Back Button OR3C55 Datasheet HTML 144Page - Agere Systems OR3C55 Datasheet HTML 145Page - Agere Systems OR3C55 Datasheet HTML 146Page - Agere Systems OR3C55 Datasheet HTML 147Page - Agere Systems OR3C55 Datasheet HTML 148Page - Agere Systems OR3C55 Datasheet HTML 149Page - Agere Systems OR3C55 Datasheet HTML 150Page - Agere Systems OR3C55 Datasheet HTML 151Page - Agere Systems OR3C55 Datasheet HTML 152Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 210 page
background image
148
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Estimating Power Dissipation (continued)
As an example of estimating power dissipation, suppose that a fully utilized OR3T80 has an average of
six outputs for each of the 484 PFUs, that 12 clock branches are used so that the clock is driven to the entire PLC
array, that 250 of the 484 PFUs have FFs clocked at 40 MHz, and that the PFU outputs have an average activity
factor of 20%.
Eighty inputs, 40 of them used as 5 V tolerant inputs, 50 outputs driving 30 pF loads, and 30 bidirectional
I/Os driving 50 pF loads are also generated from the
40 MHz clock with an average activity factor of 20%. All of the output PIOs are registered, and 30 of the input PIOs
are registered.
The worst-case (VDD = 3.6 V) power dissipation is estimated as follows:
PPFU
= 484 x 6 (0.068 mW/MHz x 20 MHz x 20%)
= 789.9 mW
PCLK
= [0.107 mW/MHz + (0.09 mW/MHz – Branch)
(12 Branches)
+ (0.015 mW/MHz – PFU) (250 PFUs)
+ (0.004 mW/MHz/PIO) (110 PIOs)]
= 230.43 mW
PIN
= 80 x [0.09 mW/MHz x 20 MHz x 20%]
= 28.8 mW
POUT
= 50 x [(30 pF + 8.8 pF) x (3.6)2 x 20 MHz x 20%]
= 100.57 mW
PBID
= 30 x [(50 pF + 8.8 pF) x (3.6)2 x 20 MHz x 20%]
= 91.45 mW
TOTAL
= 1.241 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com