Electronic Components Datasheet Search
  English  ▼

X  

OR3C55 Datasheet(PDF) 150 Page - Agere Systems

Part # OR3C55
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55 Datasheet(HTML) 150 Page - Agere Systems

Back Button OR3C55 Datasheet HTML 146Page - Agere Systems OR3C55 Datasheet HTML 147Page - Agere Systems OR3C55 Datasheet HTML 148Page - Agere Systems OR3C55 Datasheet HTML 149Page - Agere Systems OR3C55 Datasheet HTML 150Page - Agere Systems OR3C55 Datasheet HTML 151Page - Agere Systems OR3C55 Datasheet HTML 152Page - Agere Systems OR3C55 Datasheet HTML 153Page - Agere Systems OR3C55 Datasheet HTML 154Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 210 page
background image
150
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Pin Information (continued)
Table 67. Pin Descriptions (continued)
Symbol
I/O
Description
Special-Purpose Pins (continued)
M3
I
I/O
During powerup and initialization, M3 is used to select the speed of the internal oscillator dur-
ing configuration with their values latched on the rising edge of INIT. When M3 is low, the
oscillator frequency is 10 MHz. When M3 is high, the oscillator is 1.25 MHz. During configura-
tion, a pull-up is enabled.
After configuration, this pin is a user-programmable I/O pin (see Note).
TDI, TCK,
TMS
I
I/O
If boundary scan is used, these pins are test data in, test clock, and test mode select inputs. If
boundary scan is not selected, all boundary-scan functions are inhibited once configuration is
complete. Even if boundary scan is not used, either TCK or TMS must be held at logic 1 dur-
ing configuration. Each pin has a pull-up enabled during configuration.
After configuration, these pins are user-programmable I/O (see Note).
RDY/RCLK/
MPI_ALE
O
O
I
I/O
During configuration in peripheral mode, RDY/RCLK indicates another byte can be written to
the FPGA. If a read operation is done when the device is selected, the same status is also
available on D7 in asynchronous peripheral mode.
During the master parallel configuration mode, RCLK is a read output signal to an external
memory. This output is not normally used.
In i960 microprocessor mode, this pin acts as the address latch enable (ALE) input.
After configuration, if the MPI is not used, this pin is a user-programmable I/O pin (see Note).
HDC
O
I/O
High During Configuration is output high until configuration is complete. It is used as a control
output, indicating that configuration is not complete.
After configuration, this pin is a user-programmable I/O pin (see Note).
LDC
O
I/O
Low During Configuration
is output low until configuration is complete. It is used as a control out-
put, indicating that configuration is not complete.
After configuration, this pin is a user-programmable I/O pin (see Note).
INIT
I/O
I/O
INIT
is a bidirectional signal before and during configuration. During configuration, a pull-up is
enabled, but an external pull-up resistor is recommended. As an active-low open-drain out-
put, INIT is held low during power stabilization and internal clearing of memory. As an active-
low input, INIT holds the FPGA in the wait-state before the start of configuration.
After configuration, this pin is a user-programmable I/O pin (see Note).
Note: The FPGA States of Operation section contains more information on how to control these signals during start-up. The timing of DONE
release is controlled by one set of bit stream options, and the timing of the simultaneous release of all other configuration pins (and the
activation of all user I/Os) is controlled by a second set of options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com