Electronic Components Datasheet Search
  English  ▼

X  

OR3C55 Datasheet(PDF) 154 Page - Agere Systems

Part # OR3C55
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55 Datasheet(HTML) 154 Page - Agere Systems

Back Button OR3C55 Datasheet HTML 150Page - Agere Systems OR3C55 Datasheet HTML 151Page - Agere Systems OR3C55 Datasheet HTML 152Page - Agere Systems OR3C55 Datasheet HTML 153Page - Agere Systems OR3C55 Datasheet HTML 154Page - Agere Systems OR3C55 Datasheet HTML 155Page - Agere Systems OR3C55 Datasheet HTML 156Page - Agere Systems OR3C55 Datasheet HTML 157Page - Agere Systems OR3C55 Datasheet HTML 158Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 210 page
background image
154
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Pin Information (continued)
Compatibility with OR2C/TxxA Series
The pinouts shown for the OR3Cxx and OR3Txxx devices are consistent with the OR2C/TxxA Series for all devices
offered in the same packages. This includes the following pins: VDD, VSS, VDD5 (OR2TxxA Series only), and all
configuration pins.
The following restrictions apply:
1. There are two configuration modes supported in the OR2C/TxxA Series that are not supported in Series 3: mas-
ter parallel down and synchronous peripheral modes. The Series 3 FPGAs have two new microprocessor inter-
face (MPI) configuration modes that are unavailable in the OR2C/TxxA Series.
2. There are four pins—one per each device side—that are user I/O in the OR2C/TxxA Series which can only be
used as fast dedicated clocks or global inputs in Series 3. These pins are also used to drive the ExpressCLK to
the I/O FFs on their given side of the device. These four middle ExpressCLK pins should not be used to connect
to a programmable clock manager (PCM). A corner ExpressCLK input should be used instead (see item 3
below). See Table 69 for a list of these pins in each package.
3. There are two other pins that are user I/O in both the OR2C/TxxA and Series 3 but also have optional added
functionality. Each of these pins drives the ExpressCLKs on two sides of the device. They also have fast connec-
tivity to the programmable clock manager (PCM). See Table 69 for a list of these pins in each package.
Table 69. Series 3 ExpressCLK Pins
Pin Name/
Package
208-Pin
SQFP/SQFP2
240-Pin
SQFP/SQFP2
256-Pin
PBGA
352-Pin
PBGA
432-Pin
EBGA
600-Pin
EBGA
I-ECKL
22
26
K3
N2
R29
U33
I-ECKB
80
91
W11
AE14
AH16
AM18
I-ECKR
131
152
K18
N23
T2
V2
I-ECKT
178
207
B11
B14
C15
C17
I/O-SECKLL
49
56
W1
AB4
AG29
AK34
I/O-SECKUR
159
184
A19
A25
D5
D5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com