Electronic Components Datasheet Search
  English  ▼

X  

OR3C55 Datasheet(PDF) 194 Page - Agere Systems

Part # OR3C55
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55 Datasheet(HTML) 194 Page - Agere Systems

Back Button OR3C55 Datasheet HTML 190Page - Agere Systems OR3C55 Datasheet HTML 191Page - Agere Systems OR3C55 Datasheet HTML 192Page - Agere Systems OR3C55 Datasheet HTML 193Page - Agere Systems OR3C55 Datasheet HTML 194Page - Agere Systems OR3C55 Datasheet HTML 195Page - Agere Systems OR3C55 Datasheet HTML 196Page - Agere Systems OR3C55 Datasheet HTML 197Page - Agere Systems OR3C55 Datasheet HTML 198Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 210 page
background image
194
194
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Package Thermal Characteristics
There are four thermal parameters that are in common
use:
ΘJA, ψJC, ΘJC, and ΘJB. It should be noted that all
the parameters are affected, to varying degrees, by
package design (including paddle size) and choice of
materials, the amount of copper in the test board or
system board, and system airflow.
The data base containing the thermal values for all of
Lucent Technologies’ IC packages is currently being
updated to conform to modern JEDEC standards.
Thus, Table 76 contains the currently available thermal
specifications for Lucent Technologies’ FPGA pack-
ages mounted on both JEDEC and non-JEDEC test
boards. The thermal values for the newer package
types correspond to those packages mounted on a
JEDEC four-layer board. The values for the older pack-
ages, however, correspond to those packages mounted
on a non-JEDEC, single-layer, sparse copper board
(see Note 2). It should also be noted that the values for
the older packages are considered conservative.
ΘJA
This is the thermal resistance from junction to ambient
(a.k.a. theta-JA, R-theta, etc.).
where TJ is the junction temperature, TA is the ambient
air temperature, and Q is the chip power.
Experimentally,
ΘJA is determined when a special ther-
mal test die is assembled into the package of interest,
and the part is mounted on the thermal test board. The
diodes on the test chip are separately calibrated in an
oven. The package/board is placed either in a JEDEC
natural convection box or in the wind tunnel, the latter
for forced convection measurements. A controlled
amount of power (Q) is dissipated in the test chip’s
heater resistor, the chip’s temperature (TJ) is deter-
mined by the forward drop on the diodes, and the ambi-
ent temperature (TA) is noted. Note that
ΘJA is
expressed in units of °C/watt.
ψJC
This JEDEC designated parameter correlates the junc-
tion temperature to the case temperature. It is generally
used to infer the junction temperature while the device
is operating in the system. It is not considered a true
thermal resistance, and it is defined by:
where TC is the case temperature at top dead center,
TJ is the junction temperature, and Q is the chip power.
During the
ΘJA measurements described above,
besides the other parameters measured, an additional
temperature reading, TC, is made with a thermocouple
attached at top-dead-center of the case.
ψJC is also
expressed in units of °C/watt.
ΘJC
This is the thermal resistance from junction to case. It
is most often used when attaching a heat sink to the
top of the package. It is defined by:
The parameters in this equation have been defined
above. However, the measurements are performed with
the case of the part pressed against a water-cooled
heat sink so as to draw most of the heat generated by
the chip out the top of the package. It is this difference
in the measurement process that differentiates
ΘJC
from ψJC.
ΘJC is a true thermal resistance and is
expressed in units of °C/watt.
ΘJB
This is the thermal resistance from junction to board
(a.k.a.
ΘJL). It is defined by:
where TB is the temperature of the board adjacent to a
lead measured with a thermocouple. The other param-
eters on the right-hand side have been defined above.
This is considered a true thermal resistance, and the
measurement is made with a water-cooled heat sink
pressed against the board so as to draw most of the
heat out of the leads. Note that
ΘJB is expressed in
units of °C/watt, and that this parameter and the way it
is measured is still in JEDEC committee.
ΘJA
TJ
TA
–
Q
--------------------
=
ψJC
TJ
TC
–
Q
--------------------
=
ΘJC
TJ
TC
–
Q
--------------------
=
ΘJB
TJ
TB
–
Q
------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com