Electronic Components Datasheet Search
  English  ▼

X  

OR3C55 Datasheet(PDF) 196 Page - Agere Systems

Part # OR3C55
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55 Datasheet(HTML) 196 Page - Agere Systems

Back Button OR3C55 Datasheet HTML 192Page - Agere Systems OR3C55 Datasheet HTML 193Page - Agere Systems OR3C55 Datasheet HTML 194Page - Agere Systems OR3C55 Datasheet HTML 195Page - Agere Systems OR3C55 Datasheet HTML 196Page - Agere Systems OR3C55 Datasheet HTML 197Page - Agere Systems OR3C55 Datasheet HTML 198Page - Agere Systems OR3C55 Datasheet HTML 199Page - Agere Systems OR3C55 Datasheet HTML 200Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 210 page
background image
196
196
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Package Coplanarity
The coplanarity limits of the
ORCA Series 3 packages
are as follows.
Table 77. Package Coplanarity
Package Parasitics
The electrical performance of an IC package, such as
signal quality and noise sensitivity, is directly affected
by the package parasitics. Table 78 lists eight parasitics
associated with the
ORCA packages. These parasitics
represent the contributions of all components of a
package, which include the bond wires, all internal
package routing, and the external leads.
Four inductances in nH are listed: LSW and LSL, the
self-inductance of the lead; and LMW and LML, the
mutual inductance to the nearest neighbor lead. These
parameters are important in determining ground
bounce noise and inductive crosstalk noise. Three
capacitances in pF are listed: CM, the mutual capaci-
tance of the lead to the nearest neighbor lead; and C1
and C2, the total capacitance of the lead to all other
leads (all other leads are assumed to be grounded).
These parameters are important in determining capaci-
tive crosstalk and the capacitive loading effect of the
lead. The lead resistance value, RW, is in M
Ω.
The parasitic values in Table 78 are for the circuit
model of bond wire and package lead parasitics. If the
mutual capacitance value is not used in the designer’s
model, then the value listed as mutual capacitance
should be added to each of the C1 and C2 capacitors.
Package Type
Coplanarity Limit
(mils)
EBGA
8.0
PBGA
8.0
SQFP/SQFP2
4.0
3.15
Table 78. Package Parasitics
5-3862(F).a
Figure 104. Package Parasitics
Package Type
LSW
LMW
RW
C1
C2
CM
LSL
LML
208-Pin SQFP
4
2
200
1
1
1
7—10
4—6
208-Pin SQFP2
4
2
200
1
1
1
6—9
4—6
240-Pin SQFP
4
2
200
1
1
1
8—12
5—8
240-Pin SQFP2
4
2
200
1
1
1
7—11
4—7
256-Pin PBGA
5
2
220
1
1
1
5—8
2—4
352-Pin PBGA
5
2
220
1.5
1.5
1.5
7—12
3—6
432-Pin EBGA
4
1.5
500
1
1
0.3
3—5.5
0.5—1
600-Pin EBGA
4
1.5
500
1
1
0.4
3—6
0.5—1
PAD N
BOARD PAD
CM
C1
LSW
RW
LSL
LMW
C2
C1
LML
C2
PAD N + 1
LSW
RW
LSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com