Electronic Components Datasheet Search
  English  ▼

X  

OR4E4 Datasheet(PDF) 20 Page - Agere Systems

Part # OR4E4
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E4 Datasheet(HTML) 20 Page - Agere Systems

Back Button OR4E4 Datasheet HTML 16Page - Agere Systems OR4E4 Datasheet HTML 17Page - Agere Systems OR4E4 Datasheet HTML 18Page - Agere Systems OR4E4 Datasheet HTML 19Page - Agere Systems OR4E4 Datasheet HTML 20Page - Agere Systems OR4E4 Datasheet HTML 21Page - Agere Systems OR4E4 Datasheet HTML 22Page - Agere Systems OR4E4 Datasheet HTML 23Page - Agere Systems OR4E4 Datasheet HTML 24Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 124 page
background image
20
Lucent Technologies Inc.
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Programmable Logic Cells (continued)
The PFU memory mode uses all LUTs and latches/FFs
including the ninth FF in its implementation as shown in
Figure 12. The read address is input at the KZ[3:0] and
F5[A:D] inputs where KZ[0] is the LSB and F5[A:D] is
the MSB, and the write address is input on CIN (MSB)
and DIN[7, 5, 3, 1], with DIN[1] being the LSB. Write
data is input on DIN[6, 4, 2, 0], where DIN[6] is the
MSB, and read data is available combinatorially on
F[6, 4, 2, 0] and registered on Q[6, 4, 2, 0] with F[6] and
Q[6] being the MSB. The write enable controlling ports
are input on CE0, CE1, and LSR0. CE1 is the active-
high write enable (CE1 = 1, RAM is write enabled). The
first write port is enabled by CE0. The second write
port is enabled with LSR0. The PFU CLK (CLK0) signal
is used to synchronously write the data. The polarities
of the clock, write enable, and port enables are all pro-
grammable. Write-port enables may be disabled if they
are not to be used.
Data is written to the write data, write address, and
write enable registers on the active edge of the clock,
but data is not written into the RAM until the next clock
edge one-half cycle later. The read port is actually
asynchronous, providing the user with read data very
quickly after setting the read address, but timing is also
provided so that the read port may be treated as fully
synchronous for write then read applications. If the
read and write address lines are tied together (main-
taining MSB to MSB, etc.), then the dual-port RAM
operates as a synchronous single-port RAM. If the
write enable is disabled, and an initial memory contents
are provided at configuration time, the memory acts as
a ROM (the write data and write address ports and
write port enables are not used).
Wider memories can be created by operating two or
more memory mode PFUs in parallel, all with the same
address and control signals, but each with a different
nibble of data. To increase memory word depth above
32, two or more PLCs can be used. Figure 10 shows a
128 x 8 dual-port RAM that is implemented in eight
PLCs. This figure demonstrates data path width expan-
sion by placing two memories in parallel to achieve an
8-bit data path. Depth expansion is applied to achieve
128 words deep using the 32-word deep PFU memo-
ries. In addition to the PFU in each PLC, the SLIC
(described in the next section) in each PLC is used for
read address decodes and 3-state drivers. The 128 x 8
RAM shown could be made to operate as a single-port
RAM by tying (bit-for-bit) the read and write addresses.
To achieve depth expansion, one or two of the write
address bits (generally the MSBs) are routed to the
write port enables as in Figure 10. For 2 bits, the bits
select which 32-word bank of RAM of the four available
from a decode of two WPE inputs is to be written. Simi-
larly, 2 bits of the read address are decoded in the
SLIC and are used to control the 3-state buffers
through which the read data passes. The write data
bus is common, with separate nibbles for width expan-
sion, across all PLCs, and the read data bus is com-
mon (again, with separate nibbles) to all PLCs at the
output of the 3-state buffers.
Figure 13 also shows the capability to provide a read
enable for RAMs/ROMs using the SLIC cell. The read
enable will 3-state the read data bus when inactive,
allowing the write data and read data buses to be tied
together if desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com