Electronic Components Datasheet Search
  English  ▼

X  

OR4E4 Datasheet(PDF) 6 Page - Agere Systems

Part # OR4E4
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E4 Datasheet(HTML) 6 Page - Agere Systems

Back Button OR4E4 Datasheet HTML 2Page - Agere Systems OR4E4 Datasheet HTML 3Page - Agere Systems OR4E4 Datasheet HTML 4Page - Agere Systems OR4E4 Datasheet HTML 5Page - Agere Systems OR4E4 Datasheet HTML 6Page - Agere Systems OR4E4 Datasheet HTML 7Page - Agere Systems OR4E4 Datasheet HTML 8Page - Agere Systems OR4E4 Datasheet HTML 9Page - Agere Systems OR4E4 Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 124 page
background image
6
Lucent Technologies Inc.
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Product Description
Architecture Overview
The ORCA Series 4 architecture is a new generation of
SRAM-based programmable devices from Lucent
Technologies Microelectronics Group. It includes
enhancements and innovations geared toward today’s
high-speed systems on a single chip. Designed with
networking applications in mind, the Series 4 family
incorporates system-level features that can further
reduce logic requirements and increase system speed.
ORCA Series 4 devices contain many new patented
enhancements and are offered in a variety of packages
and speed grades.
The hierarchical architecture of the logic, clocks, rout-
ing, RAM, and system-level blocks create a seamless
merge of FPGA and ASIC designs. Modular hardware
and software technologies enable system-on-chip inte-
gration with true plug-and-play design implementation.
The architecture consists of four basic elements: pro-
grammable logic cells (PLCs), programmable input/out-
put cells (PIOs), embedded block RAMs (EBRs), and
system-level features. These elements are intercon-
nected with a rich routing fabric of both global and local
wires. An array of PLCs and its associated resources
are surrounded by common interface blocks (CIBs) that
provide an abundant interface to the adjacent PIOs or
system blocks. Routing congestion around these criti-
cal blocks is eliminated by the use of the same routing
fabric implemented within the programmable logic core.
PICs provide the logical interface to the PIOs which
provide the boundary interface off and onto the device.
Also, the interquad routing blocks (hIQ, vIQ) separate
the quadrants of the PLC array and provide the global
routing and clocking elements. Each PLC contains a
PFU, SLIC, local routing resources, and configuration
RAM. Most of the FPGA logic is performed in the PFU,
but decoders, PAL-like functions, and 3-state buffering
can be performed in the SLIC. The PIOs provide device
inputs and outputs and can be used to register signals
and to perform input demultiplexing, output multiplex-
ing, uplink and downlink functions, and other functions
on two output signals.
The Series 4 architecture integrates macrocell blocks
of memory known as EBR. The blocks run horizontally
across the PLC array and provide flexible memory
functionality. Large blocks of 512 x 18 quad-port RAM
complement the existing distributed PFU memory. The
RAM blocks can be used to implement RAM, ROM,
FIFO, multiplier, and CAM.
System-level functions such as a microprocessor inter-
face, PLLs, embedded system bus elements (located in
the corners of the array), the routing resources, and
configuration RAM are also integrated elements of the
architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com