Electronic Components Datasheet Search
  English  ▼

X  

R192P Datasheet(PDF) 1 Page - Agere Systems

Part # R192P
Description  R192P OC-192/STM-64 Lightwave Receiver with Improved Sensitivity (-18 dBm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

R192P Datasheet(HTML) 1 Page - Agere Systems

  R192P Datasheet HTML 1Page - Agere Systems R192P Datasheet HTML 2Page - Agere Systems R192P Datasheet HTML 3Page - Agere Systems R192P Datasheet HTML 4Page - Agere Systems R192P Datasheet HTML 5Page - Agere Systems R192P Datasheet HTML 6Page - Agere Systems R192P Datasheet HTML 7Page - Agere Systems R192P Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R192P OC-192/STM-64 Lightwave Receiver
with Improved Sensitivity (–18 dBm)
Preliminary Data Sheet, Rev. 4
June 2001
Featuring improved sensitivity for optimum performance in
noisy, amplified systems, the R192P Receiver is manufac-
tured in a compact, 16-pin surface-mount package (above),
and is also available with a convenient mounting bracket
(below).
Features
s
High data rate capability, 10.7 Gbits/s
s
PIN photodetector
s
Fully operational through the 1.3
µm to 1.6 µm
wavelength range
s
Improved typical sensitivity of –18 dBm
s
Single-mode fiber pigtail with
ST ®, SC, LC, or
FC/PC optical connector
s
Operating case temperature range:
0 °C to 70 °C
s
50
Ω differential data output, with offset control
s
Package options:
— Space-sensitive package without mounting
bracket (ideal for transponder and transceiver
applications)
— With mounting bracket
Applications
s
Line terminal equipment
s
High-speed networks up to 10.7 Gbits/s
s
SONET/SDH OC-192/STM-64 telecommunica-
tions applications
s
Extended-reach datacom and telecom applications


Similar Part No. - R192P

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1924A HAMAMATSU-R1924A Datasheet
43Kb / 2P
PHOTOMULTIPLIER TUBE
R1924A HAMAMATSU-R1924A_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
More results

Similar Description - R192P

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
Digital Receiver OC-192/STM-64
September 2001
R2860D AGERE-R2860D Datasheet
107Kb / 6P
R2860D Digital Receiver OC-192/STM-64
September 2001
R2860E AGERE-R2860E Datasheet
84Kb / 6P
R2860E Digital Receiver OC-192/STM-64
September 2001
R2860F AGERE-R2860F Datasheet
84Kb / 6P
R2860F Digital Receiver OC-192/STM-64
September 2001
R2860G AGERE-R2860G Datasheet
129Kb / 6P
R2860G Digital Receiver OC-192/STM-64
September 2001
R2862A AGERE-R2862A Datasheet
97Kb / 6P
R2862A Digital 2R Receiver OC-192/STM-64
October 2001
logo
List of Unclassifed Man...
1319T ETC1-1319T Datasheet
450Kb / 9P
1319T OC-192/STM-64 Lighwave Receiver
logo
Source Photonics, Inc.
FAM-30X1S-T7 SOURCE-FAM-30X1S-T7 Datasheet
242Kb / 14P
OC-192/STM-64 SFF Transponder
FAM-50X1S-T40 SOURCE-FAM-50X1S-T40 Datasheet
248Kb / 14P
OC-192/STM-64 SFF Transponder
FAM-70X1S-T40 SOURCE-FAM-70X1S-T40 Datasheet
254Kb / 14P
OC-192/STM-64 SFF Transponder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com