Electronic Components Datasheet Search
  English  ▼

X  

R192P Datasheet(PDF) 2 Page - Agere Systems

Part # R192P
Description  R192P OC-192/STM-64 Lightwave Receiver with Improved Sensitivity (-18 dBm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

R192P Datasheet(HTML) 2 Page - Agere Systems

  R192P Datasheet HTML 1Page - Agere Systems R192P Datasheet HTML 2Page - Agere Systems R192P Datasheet HTML 3Page - Agere Systems R192P Datasheet HTML 4Page - Agere Systems R192P Datasheet HTML 5Page - Agere Systems R192P Datasheet HTML 6Page - Agere Systems R192P Datasheet HTML 7Page - Agere Systems R192P Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2
Agere Systems Inc.
R192P OC-192/STM-64 Lightwave Receiver
Preliminary Data Sheet, Rev. 4
with Improved Sensitivity (–18 dBm)
June 2001
Description
Receiver Operation
The R192P 10.7 Gbits/s fiber-optic receiver consists of
a high-speed PIN photodetector and a wide-band lin-
ear preamp in a pigtailed, surface-mount metal pack-
age. It is designed for use in single-mode, high-speed
telecommunication applications at the SONET OC-192
and the ITU-T SDH STM-64 data rate of
9.95328 Gbits/s.
At 10.7 Gbits/s, the typical room temperature sensitivity
measured at a BER of 1 x 10–10 is –17 dBm. The oper-
ating case temperature range for the receiver is 0 °C to
70 °C.
The receiver is manufactured in a compact, 16-pin sur-
face-mount package with a single-mode optical fiber
pigtail. The fiber pigtail is internally beveled for low
return loss and is available with
ST, SC, LC, or FC-PC
optical connectors.
The dc levels of the differential outputs can be adjusted
relative to each other for optimum sensitivity in noisy,
amplified systems. These outputs are centered around
a dc level of typically –0.45 V. The TIA requires only a
–5 V power supply for operation. The PIN photodiode
requires a nominal bias voltage of 5 V to 10 V at less
than 1 mA.
Pin Information
Table 1. Pin Descriptions
Pin Number
Name
1
PIN Bias
2GND
3VEE
4NC
5NC
6NC
7GND
8
DATAN
9DATA
10
GND
11
NC
12
–OFF
13
+OFF
14
Feedback Input Threshold Control
15
GND
16
Thermistor



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com