Electronic Components Datasheet Search
  English  ▼

X  

STM8S003K3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM8S003K3
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3 Datasheet(HTML) 5 Page - STMicroelectronics

  STM8S003K3 Datasheet HTML 1Page - STMicroelectronics STM8S003K3 Datasheet HTML 2Page - STMicroelectronics STM8S003K3 Datasheet HTML 3Page - STMicroelectronics STM8S003K3 Datasheet HTML 4Page - STMicroelectronics STM8S003K3 Datasheet HTML 5Page - STMicroelectronics STM8S003K3 Datasheet HTML 6Page - STMicroelectronics STM8S003K3 Datasheet HTML 7Page - STMicroelectronics STM8S003K3 Datasheet HTML 8Page - STMicroelectronics STM8S003K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 100 page
background image
Table 48. EMI data .................................................................................................................................86
Table 49. ESD absolute maximum ratings .............................................................................................87
Table 50. Electrical sensitivities .............................................................................................................88
Table 51. 32-pin low profile quad flat package mechanical data ............................................................89
Table 52. 20-pin, 4.40 mm body, 0.65 mm pitch mechanical data .........................................................91
Table 53. 20-lead ultra thin fine pitch quad flat no-lead package (3x3) mechanical data ......................92
Table 54. Thermal characteristics ..........................................................................................................94
Table 55. Document revision history ......................................................................................................99
5/100
DocID018576 Rev 3
List of tables
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com