Electronic Components Datasheet Search
  English  ▼

X  

T8532 Datasheet(PDF) 36 Page - Agere Systems

Part # T8532
Description  T8531A/8532 Multichannel Programmable Codec Chip Set
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8532 Datasheet(HTML) 36 Page - Agere Systems

Back Button T8532 Datasheet HTML 32Page - Agere Systems T8532 Datasheet HTML 33Page - Agere Systems T8532 Datasheet HTML 34Page - Agere Systems T8532 Datasheet HTML 35Page - Agere Systems T8532 Datasheet HTML 36Page - Agere Systems T8532 Datasheet HTML 37Page - Agere Systems T8532 Datasheet HTML 38Page - Agere Systems T8532 Datasheet HTML 39Page - Agere Systems T8532 Datasheet HTML 40Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
36
Agere Systems Inc.
Preliminary Data Sheet
September 2001
Codec Chip Set
T8531A/T8532 Multichannel Programmable
Software Interface (continued)
Table 21. T8531A Channel Register Memory Map
for T8532 Device 0
All registers can be written by the microprocessor
interface.
Table 22. T8531A Channel Register Memory Map
for T8532 Device 1
All registers can be written by the microprocessor
interface.
Address
Range
Memory
Contents
0x1500
Channel 0 powerup/powerdown register
0x1501
Channel 1 powerup/powerdown register
0x1502
Channel 2 powerup/powerdown register
0x1503
Channel 3 powerup/powerdown register
0x1504
Channel 4 powerup/powerdown register
0x1505
Channel 5 powerup/powerdown register
0x1506
Channel 6 powerup/powerdown register
0x1507
Channel 7 powerup/powerdown register
0x1508
Channel 0 control register 1
0x1509
Channel 1 control register 1
0x150A
Channel 2 control register 1
0x150B
Channel 3 control register 1
0x150C
Channel 4 control register 1
0x150D
Channel 5 control register 1
0x150E
Channel 6 control register 1
0x150F
Channel 7 control register 1
0x1510
All channel test register
0x1517
Single-byte soft reset (no data word)
0x1518
Channel 0 control register 2
0x1519
Channel 1 control register 2
0x151A
Channel 2 control register 2
0x151B
Channel 3 control register 2
0x151C
Channel 4 control register 2
0x151D
Channel 5 control register 2
0x151E
Channel 6 control register 2
0x151F
Channel 7 control register 2
Address
Range
Memory
Contents
0x1540
Channel 8 powerup/powerdown register
0x1541
Channel 9 powerup/powerdown register
0x1542
Channel 10 powerup/powerdown register
0x1543
Channel 11 powerup/powerdown register
0x1544
Channel 12 powerup/powerdown register
0x1545
Channel 13 powerup/powerdown register
0x1546
Channel 14 powerup/powerdown register
0x1547
Channel 15 powerup/powerdown register
0x1548
Channel 8 control register 1
0x1549
Channel 9 control register 1
0x154A
Channel 10 control register 1
0x154B
Channel 11 control register 1
0x154C
Channel 12 control register 1
0x154D
Channel 13 control register 1
0x154E
Channel 14 control register 1
0x154F
Channel 15 control register 1
0x1550
All channel test register
0x1557
Single-byte soft reset (no data word)
0x1558
Channel 8 control register 2
0x1559
Channel 9 control register 2
0x155A
Channel 10 control register 2
0x155B
Channel 11 control register 2
0x155C
Channel 12 control register 2
0x155D
Channel 13 control register 2
0x155E
Channel 14 control register 2
0x155F
Channel 15 control register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com