Electronic Components Datasheet Search
  English  ▼

X  

T8533 Datasheet(PDF) 42 Page - Agere Systems

Part # T8533
Description  T8533/34 Quad Programmable Line Card Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8533 Datasheet(HTML) 42 Page - Agere Systems

Back Button T8533 Datasheet HTML 38Page - Agere Systems T8533 Datasheet HTML 39Page - Agere Systems T8533 Datasheet HTML 40Page - Agere Systems T8533 Datasheet HTML 41Page - Agere Systems T8533 Datasheet HTML 42Page - Agere Systems T8533 Datasheet HTML 43Page - Agere Systems T8533 Datasheet HTML 44Page - Agere Systems T8533 Datasheet HTML 45Page - Agere Systems T8533 Datasheet HTML 46Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Preliminary Data Sheet
July 2001
Signal Processor
T8533/34 Quad Programmable Line Card
42
Agere Systems Inc.
Software Interface (continued)
Table 18. Control Bit Definitions (continued)
Control Name
(Address, Decimal)
[Address, Hex]
Bit
Assignments
Function
CTZCTRL
(140—143)
[0x8c
—0x8f]
0—30
Coefficients for the CTZ termination bleed. Defaults to 0x07ed0000.
LMSCTRL
(144)
[0x90]
3—7
Load as 0s.
0—2
Leak coefficient for LMS adaptation algorithm. Defaults to 1.
RECCTRL
(145)
[0x91]
5—7
Load as 0s.
4
Noise match enable (comfort noise). Defaults to 0 (disabled).
3
Enable residual echo control. Defaults to 0 (disabled).
0—2
Residual echo control sensitivity factor.
Defaults to 0.
Bit Number
Function
(dB)
(Threshold =)
21
0
00
0
0.0
00
1
−3.5
01
0
−6.0
01
1
−9.5
10
0
−12.0
10
1
−15.5
11
0
−18.0
11
1
−21.6
SDCTRL
(146)
[0x92]
7
Load as 0.
6
Enable analog loopback. Defaults to 0 (no loopback).
3—5
RTZ gain. Defaults to 3 (equal level point value of 3 * 0.075 = 0.225).
0—2
Transmit analog gain (XAG). Defaults to 1
(6 dB) gain.
Bit Number
Function
(dB)
21
0
00
0
0.0
00
1
6.02
01
0
12.04
01
1
18.06
10
0
24.08
SDTSI
(147)
[0x93]
7
Load as 0.
6
Digital loopback, loopback from receive to transmit at the sigma-delta
converters (digital loopback 2). Defaults to 0 (no loopback).
4—5
Digital channel feeding this analog receive channel. Defaults to channel
number.
3
Send idle channel code (alternating bits) to this analog receive path.
Defaults to 0 (do not send idle channel code).
2
Loopback from transmit to receive at the sigma-delta converters (digital
loopback 3). Defaults to 0 (no loopback).
0—1
Analog channel feeding this digital channel in the transmit direction.
Defaults to channel number.
GTX2
(148—149)
[0x94
—0x95]
0—11
Gain control for gain transfer stage in transmit direction. Defaults to
0x0400 (0 dB). This is a 12-bit multiply operation with a maximum gain of
4 (12 dB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com