Electronic Components Datasheet Search
  English  ▼

X  

TIP31A Datasheet(PDF) 1 Page - ON Semiconductor

Part # TIP31A
Description  Complementary Silicon Plastic Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP31A Datasheet(HTML) 1 Page - ON Semiconductor

  TIP31A Datasheet HTML 1Page - ON Semiconductor TIP31A Datasheet HTML 2Page - ON Semiconductor TIP31A Datasheet HTML 3Page - ON Semiconductor TIP31A Datasheet HTML 4Page - ON Semiconductor TIP31A Datasheet HTML 5Page - ON Semiconductor TIP31A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 10
1
Publication Order Number:
TIP31A/D
TIP31, TIP31A, TIP31B, TIP31C,
(NPN), TIP32, TIP32A, TIP32B,
TIP32C, (PNP)
Complementary Silicon
Plastic Power Transistors
Designed for use in general purpose amplifier and switching
applications.
Features
• Collector−Emitter Saturation Voltage −
VCE(sat) = 1.2 Vdc (Max) @ IC = 3.0 Adc
• Collector−Emitter Sustaining Voltage −
VCEO(sus) = 40 Vdc (Min) − TIP31, TIP32
= 60 Vdc (Min) − TIP31A, TIP32A
= 80 Vdc (Min) − TIP31B, TIP32B
= 100 Vdc (Min) − TIP31C, TIP32C
• High Current Gain − Bandwidth Product
fT = 3.0 MHz (Min) @ IC = 500 mAdc
• Compact TO−220 AB Package
• Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
TIP31, TIP32
TIP31A, TIP32A
TIP31B, TIP32B
TIP31C, TIP32C
VCEO
40
60
80
100
Vdc
Collector−Base Voltage
TIP31, TIP32
TIP31A, TIP32A
TIP31B, TIP32B
TIP31C, TIP32C
VCB
40
60
80
100
Vdc
Emitter−Base Voltage
VEB
5.0
Vdc
Collector Current
Continuous
Peak
IC
3.0
5.0
Adc
Base Current
IB
1.0
Adc
Total Power Dissipation
@ TC = 25_C
Derate above 25
_C
PD
40
0.32
W
W/
_C
Total Power Dissipation
@ TA = 25_C
Derate above 25
_C
PD
2.0
0.016
W
W/
_C
Unclamped Inductive Load Energy (Note 1)
E
32
mJ
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to
+ 150
_C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. IC = 1.8 A, L = 20 mH, P.R.F. = 10 Hz, VCC = 10 V, RBE = 100 W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−220AB
CASE 221A
STYLE 1
MARKING
DIAGRAM
3 AMPERE
POWER TRANSISTORS
COMPLEMENTARY SILICON
40−60−80−100 VOLTS,
40 WATTS
http://onsemi.com
1
2
3
4
TIP3xx
= Device Code
xx
= 1, 1A, 1B, 1C,
2, 2A, 2B, 2C,
A
= Assembly Location
Y
= Year
WW
= Work Week
G
Pb−Free Package
TIP3xxG
AYWW
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - TIP31A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP31A MOSPEC-TIP31A Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Motorola, Inc
TIP31A MOTOROLA-TIP31A Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP31A ONSEMI-TIP31A Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
REV 1
logo
Power Innovations Ltd
TIP31A POINN-TIP31A Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP31A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
Complementary Silicon Plastic Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com