Electronic Components Datasheet Search
  English  ▼

X  

TIP31A Datasheet(PDF) 4 Page - ON Semiconductor

Part # TIP31A
Description  Complementary Silicon Plastic Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP31A Datasheet(HTML) 4 Page - ON Semiconductor

  TIP31A Datasheet HTML 1Page - ON Semiconductor TIP31A Datasheet HTML 2Page - ON Semiconductor TIP31A Datasheet HTML 3Page - ON Semiconductor TIP31A Datasheet HTML 4Page - ON Semiconductor TIP31A Datasheet HTML 5Page - ON Semiconductor TIP31A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TIP31, TIP31A, TIP31B, TIP31C, (NPN), TIP32, TIP32A, TIP32B, TIP32C, (PNP)
http://onsemi.com
4
t, TIME (ms)
1.0
0.01
0.01
0.1
1.0
1.0
100
ZqJC(t) = r(t) RqJC
RqJC(t) = 3.125°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) ZqJC(t)
P(pk)
t1
t2
SINGLE PULSE
1.0 k
D = 0.5
0.05
DUTY CYCLE, D = t1/t2
Figure 4. Thermal Response
0.1
0.05
0.03
0.02
0.07
0.5
0.3
0.2
0.7
0.02
0.05
0.2
0.5
2.0
5.0
200
500
10
20
50
0.2
0.02
0.01
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
10
20
5.0
50
100
Figure 5. Active Region Safe Operating Area
0.2
0.1
0.5
SECONDARY BREAKDOWN
LIMITED @ TJ ≤ 150°C
THERMAL LIMIT @ TC = 25°C
(SINGLE PULSE)
BONDING WIRE LIMIT
1.0ms
100 ms
2.0
1.0
10
5.0
5.0ms
CURVES APPLY
BELOW RATED VCEO
TIP31A, TIP32A
TIP31B, TIP32B
TIP31C, TIP32C
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. TJ(pk) may be calculated from the data in
Figure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
0.05
0.1
0.2
0.7
0.03
0.3
0.5
0.07
IC, COLLECTOR CURRENT (AMP)
Figure 6. Turn−Off Time
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
1.0
2.0 3.0
0.2
0.5
1.0
5.0
0.1
2.0 3.0
0.3
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Capacitance
300
200
100
70
50
30
10
20
40
30
tf @ VCC = 30 V
tf @ VCC = 10 V
ts′
IB1 = IB2
IC/IB = 10
ts′ = ts − 1/8 tf
TJ = 25°C
TJ = +25°C
Ceb
Ccb



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com